Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 169 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 169 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 165Page - Texas Instruments CC1110-RTY1 Datasheet HTML 166Page - Texas Instruments CC1110-RTY1 Datasheet HTML 167Page - Texas Instruments CC1110-RTY1 Datasheet HTML 168Page - Texas Instruments CC1110-RTY1 Datasheet HTML 169Page - Texas Instruments CC1110-RTY1 Datasheet HTML 170Page - Texas Instruments CC1110-RTY1 Datasheet HTML 171Page - Texas Instruments CC1110-RTY1 Datasheet HTML 172Page - Texas Instruments CC1110-RTY1 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 169 of 202
•
Calibrate when going from IDLE to
either RX or TX (or FSTXON)
•
Calibrate when going from either RX
or TX to IDLE
•
Calibrate every fourth time when going
from either RX or TX to IDLE
The calibration takes a constant number of
XOSC cycles (see Table 48 for timing details).
When RX is activated, the chip will remain in
receive mode until the RX termination timer
expires (see section 15.12.3) or a packet has
been
successfully
received.
Note:
the
probability that a false sync word is detected
can be reduced by using PQT, CS, maximum
sync word length and sync word qualifier mode
as describe in section 15.10. After a packet is
successfully received the radio controller will
then go to the state indicated by the
MCSM1.RXOFF_MODE setting. The possible
states are:
•
IDLE
•
FSTXON: Frequency synthesizer on
and ready at the TX frequency.
Activate TX with STX.
•
TX: Start sending preambles
•
RX: Start search for a new packet
Similarly, when TX is active the chip will
remain in the TX state until the current packet
has been successfully transmitted. Then the
state will change as indicated by the
MCSM1.TXOFF_MODE setting. The possible
destinations are the same as for RX.
The CPU can change the state from RX to TX
and vice versa by using the command strobes.
If the radio controller is currently in transmit
and the SRX strobe is written, the current
transmission will be ended and the transition to
RX will be done.
If the radio controller is in RX when the STX or
SFSTXON command strobes are issued, the
“TX if clear channel” function will be used. If
the channel is not clear, the chip will remain in
RX. The MCSM1.CCA_MODE setting controls
the conditions for clear channel assessment.
See section 15.10.4 on page 166 for details.
The SIDLE command strobe can always be
issued to force the radio controller to go to the
IDLE state.
15.12.2 Timing
The radio controller controls most timing in
CC1110, such as synthesizer calibration, PLL
lock and RT/TX turnaround times. Timing from
IDLE to RX and IDLE to TX is constant,
dependent on the auto calibration setting.
RX/TX and TX/RX turnaround times are
constant. The calibration time is constant
18739 clock periods. Table 48 shows timing in
crystal clock cycles for key state transitions.
Power on time and XOSC start-up times are
variable, but within the limits stated in Table 8.
Description
XOSC
periods
26MHz
crystal
Idle to RX, no calibration
2298
88.4µs
Idle to RX, with calibration
~21037
809µs
Idle to TX/FSTXON, no calibration
2298
88.4µs
Idle to TX/FSTXON, with calibration
~21037
809µs
TX to RX switch
560
21.5µs
RX to TX switch
250
9.6µs
RX or TX to IDLE, no calibration
2
0.1µs
RX or TX to IDLE, with calibration
~18739
721µs
Manual calibration
~18739
721µs
Table 48: State transition timing
15.12.3 RX Termination Timer
CC1110 has optional functions for automatic
termination of RX after a programmable time.
The main use for this functionality is wake-on-
radio (WOR), but it may be useful for other
applications. The termination timer starts when
enabling the demodulator. The timeout is
programmable
with
the MCSM2.RX_TIME
setting. When the timer expires, the radio
controller will check the condition for staying in
RX; if the condition is not met, RX will
terminate. After the timeout, the condition will
be checked continuously.
The programmable conditions are:
•
MCSM2.RX_TIME_QUAL=0:
Continue
receive if sync word has been found
•
MCSM2.RX_TIME_QUAL=1:
Continue
receive if sync word has been found or
preamble quality is above threshold (PQT)
If the system can expect the transmission to
have started when enabling the receiver, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com