Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 171 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 171 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 167Page - Texas Instruments CC1110-RTY1 Datasheet HTML 168Page - Texas Instruments CC1110-RTY1 Datasheet HTML 169Page - Texas Instruments CC1110-RTY1 Datasheet HTML 170Page - Texas Instruments CC1110-RTY1 Datasheet HTML 171Page - Texas Instruments CC1110-RTY1 Datasheet HTML 172Page - Texas Instruments CC1110-RTY1 Datasheet HTML 173Page - Texas Instruments CC1110-RTY1 Datasheet HTML 174Page - Texas Instruments CC1110-RTY1 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 171 of 202
voltage
or
temperature
has
changed
significantly).
15.15 Output Power Programming
The RF output power level from the device has
two levels of programmability, as illustrated in
Figure
39.
Firstly,
the
PA_TABLE7-
PA_TABLE0 registers can hold up to eight user
selected output power settings. Secondly, the
3-bit FREND0.PA_POWER value selects which
PA_TABLE7-0 register to use. This two-level
functionality provides flexible PA power ramp
up and ramp down at the start and end of
transmission, as well as ASK modulation
shaping.n each case, all the PA power settings
from
PA_TABLE0
from
i
up
to
the
FREND0.PA_POWER value are used.
The power ramping at the start and at the end
of a packet can be turned off by setting
FREND0.PA_POWER
to
zero
and
then
programming the desired output power in
PA_TABLE0. Table 49 contains recommended
PA_TABLE settings for various output levels
and frequency bands, together with current
consumption in the RF transceiver.
With ASK modulation, the eight power settings
are used for shaping. The modulator contains
a counter that counts up when transmitting a
one and down when transmitting a zero. The
counter counts at a rate equal to 8 times the
symbol rate. The counter saturates at
FREND0.PA_POWER and 0 respectively. This
counter value is used as an index for a lookup
in the power table. Thus, in order to utilize the
whole table, FREND0.PA_POWER should be 7
when ASK is active. The shaping of the ASK
signal is dependent on the configuration in the
PA_TABLE7-0 registers.
e.g 6
PA_POWER[2:0]
in FREND0 register
PA_TABLE0[7:0]
PA_TABLE1[7:0]
PA_TABLE2[7:0]
PA_TABLE3[7:0]
PA_TABLE4[7:0]
PA_TABLE5[7:0]
PA_TABLE6[7:0]
PA_TABLE7[7:0]
Index into PA_TABLE7-0
The PA uses
this setting.
Settings 0 to PA_POWER are used
during ramp-up at start of transmission
and ramp-down at end of transmission,
and for ASK/OOK modulation.
The SmartRF® Studio software
should be used to get optimum
PATABLE settings for various
output powers.
Figure 39: PA_POWER and PA_TABLE7-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com