Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 174 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 174 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 170Page - Texas Instruments CC1110-RTY1 Datasheet HTML 171Page - Texas Instruments CC1110-RTY1 Datasheet HTML 172Page - Texas Instruments CC1110-RTY1 Datasheet HTML 173Page - Texas Instruments CC1110-RTY1 Datasheet HTML 174Page - Texas Instruments CC1110-RTY1 Datasheet HTML 175Page - Texas Instruments CC1110-RTY1 Datasheet HTML 176Page - Texas Instruments CC1110-RTY1 Datasheet HTML 177Page - Texas Instruments CC1110-RTY1 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 174 of 202
XDATA
Address
Register
Description
0xDF30
IOCFG1
GDO1 output pin configuration
0xDF31
IOCFG0
GDO0 output pin configuration
0xDF36
PARTNUM
Chip Identifier
0xDF37
VERSION
configuration
0xDF38
FREQEST
Frequency Offset Estimate
0xDF39
LQI
Link Quality Indicator
0xDF3A
RSSI
Received Signal Strength Indication
0xDF3B
MARCSTATE
Main Radio Control State
0xDF3C
PKSTATUS
Packet status
0xDF3D
VCO_VC_DAC
PLL calibration current
Table 51: Overview of RF registers
0xDF2F: IOCFG2 – GDO2 output pin configuration
Bit
Field Name
Reset
R/W
Description
7
-
R0
Reserved
6
GDO2_INV
0
R/W
Invert output, i.e. select active low / high
5:0
GDO2_CFG[5:0]
0x00
R/W
Debug output on P1_7 pin. See Table 52 for
description of internal signals which can be output on
this pin for debug purpose
0xDF30: IOCFG1 – GDO1 output pin configuration
Bit
Field Name
Reset
R/W
Description
7
GDO_DS
0
R/W
Set high (1) or low (0) output drive strength on the
GDO pins.
6
GDO1_INV
0
R/W
Invert output, i.e. select active low / high
5:0
GDO1_CFG[5:0]
0x00
R/W
Debug output on P1_6 pin. See Table 52 for
description of internal signals which can be output on
this pin for debug purpose
0xDF31: IOCFG0 – GDO0 output pin configuration
Bit
Field Name
Reset
R/W
Description
7
TEMP_SENSOR_ENABLE
0
R/W
Enable analog temperature sensor. Write 0 in all
other register bits when using temperature sensor.
6
GDO0_INV
0
R/W
Invert output, i.e. select active low / high
5:0
GDO0_CFG[5:0]
0x00
R/W
Debug output on P1_5 pin. See Table 52 for
description of internal signals which can be output on
this pin for debug purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com