Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 178 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 178 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 174Page - Texas Instruments CC1110-RTY1 Datasheet HTML 175Page - Texas Instruments CC1110-RTY1 Datasheet HTML 176Page - Texas Instruments CC1110-RTY1 Datasheet HTML 177Page - Texas Instruments CC1110-RTY1 Datasheet HTML 178Page - Texas Instruments CC1110-RTY1 Datasheet HTML 179Page - Texas Instruments CC1110-RTY1 Datasheet HTML 180Page - Texas Instruments CC1110-RTY1 Datasheet HTML 181Page - Texas Instruments CC1110-RTY1 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 178 of 202
Bit
Field Name
Reset
R/W
Description
5:0
FREQ[21:16]
0x1E
R/W
FREQ[23:0] is the base frequency for the frequency synthesizer in
increments of FXOSC/2
16.
[]
0
:
23
216
FREQ
f
f
XOSC
carrier
⋅
=
The default frequency word gives a base frequency of 800 MHz,
assuming a 26.0 MHz crystal. With the default channel spacing
settings, the following FREQ2 values and channel numbers can be
used:
FREQ2
Base frequency
Frequency range (CHAN numbers)
10 (0x0A)
280MHz
300.2MHz-331MHz (101-255)
11 (0x0B)
306MHz
306MHz-347.8MHz (0-209)
14 (0x0E)
384MHz
400.2MHz-435MHz (81-255)
15 (0x0F)
410MHz
410MHz-461MHz (0-255)
16 (0x10)
436MHz
436MHz-463.8MHz (0-139)
17 (0x11)
462MHz
462MHz-463.8MHz (0-9)
30 (0x1E)
800MHz
800.2MHz-851MHz (1-255)
31 (0x1F)
826MHz
826MHz-877MHz (0-255)
32 (0x20)
852MHz
852MHz-903MHz (0-255)
33 (0x21)
878MHz
878MHz-927.8MHz (0-249)
34 (0x22)
904MHz
904MHz-927.8MHz (0-119)
0xDF0A: FREQ1 – Frequency control word, middle byte
Bit
Field Name
Reset
R/W
Description
7:0
FREQ[15:8]
0xC4
R/W
Ref. FREQ2 register
0xDF0B: FREQ0 – Frequency control word, low byte
Bit
Field Name
Reset
R/W
Description
7:0
FREQ[7:0]
0xEC
R/W
Ref. FREQ2 register
0xDF0C: MDMCFG4 – Modem configuration
Bit
Field Name
Reset
R/W
Description
7:6
CHANBW_E[1:0]
10
R/W
5:4
CHANBW_M[1:0]
00
R/W
Sets the decimation ratio for the delta-sigma ADC input
stream and thus the channel bandwidth.
E
CHANBW
XOSC
channel
M
CHANBW
f
BW
_
2
)·
_
4
(
8
+
⋅
=
Note that the combination CHANBW_E=0 and
CHANBW_M=0 is not supported.
The default values give 203kHz channel filter bandwidth,
assuming a 26.0MHz crystal.
3:0
DRATE_E[3:0]
1100
R/W
The exponent of the user specified symbol rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com