Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 193 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 193 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 189Page - Texas Instruments CC1110-RTY1 Datasheet HTML 190Page - Texas Instruments CC1110-RTY1 Datasheet HTML 191Page - Texas Instruments CC1110-RTY1 Datasheet HTML 192Page - Texas Instruments CC1110-RTY1 Datasheet HTML 193Page - Texas Instruments CC1110-RTY1 Datasheet HTML 194Page - Texas Instruments CC1110-RTY1 Datasheet HTML 195Page - Texas Instruments CC1110-RTY1 Datasheet HTML 196Page - Texas Instruments CC1110-RTY1 Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 193 of 202
16 Voltage Regulators
The
CC1110 includes a low drop-out voltage
regulator. This is used to provide a 1.8 V
power supply to the
CC1110 digital power
supply. The voltage regulator should not
be used to provide power to external
circuits because of limited power sourcing
capability
and
also
due
to
noise
considerations.
The
voltage
regulator
input
pin
AVDD_DREG is to be connected to the
unregulated 2.0 V to 3.6 V power supply.
The output of the digital regulator is
connected internally in the
CC1110 to the
digital power supply.
The voltage regulator requires an external
decoupling capacitor connected to the
DCOUPL pin as described in section 11 on
page 29.
16.1 Voltage Regulator Power-on
The voltage regulator is disabled when the
CC1110 is placed in power modes PM2 or
PM3 (see section 13.10). When the
voltage regulator is disabled, register and
RAM contents will be retained while the
unregulated 2.0 V - 3.6 V power supply is
present.
17 Radio Test Output signals
For debug and test purposes, a number of
internal status signals in the radio may be
output on the port pins P1_7 – P1_5. This
debug option is controlled through the RF
registers IOCFG2-IOCFG0 . Table 52
shows
the
value
written
to
IOCFGx.GDOx_CFG[5:0]
with
the
corresponding internal signals that will be
output in each case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com