Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 189 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 189 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 185Page - Texas Instruments CC1110-RTY1 Datasheet HTML 186Page - Texas Instruments CC1110-RTY1 Datasheet HTML 187Page - Texas Instruments CC1110-RTY1 Datasheet HTML 188Page - Texas Instruments CC1110-RTY1 Datasheet HTML 189Page - Texas Instruments CC1110-RTY1 Datasheet HTML 190Page - Texas Instruments CC1110-RTY1 Datasheet HTML 191Page - Texas Instruments CC1110-RTY1 Datasheet HTML 192Page - Texas Instruments CC1110-RTY1 Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 189 of 202
0xDF2B: PA_TABLE3 – PA power setting 3
Bit
Field Name
Reset
R/W
Description
7:0
PA_TABLE3[7:0]
0x00
R/W
Power amplifier output power setting 3
Currently used PA output power is selected by
FREND0.PA_POWER[2:0]
0xDF2C: PA_TABLE2 – PA power setting 2
Bit
Field Name
Reset
R/W
Description
7:0
PA_TABLE2[7:0]
0x00
R/W
Power amplifier output power setting 2
Currently used PA output power is selected by
FREND0.PA_POWER[2:0]
0xDF2D: PA_TABLE1– PA power setting 1
Bit
Field Name
Reset
R/W
Description
7:0
PA_TABLE1[7:0]
0x00
R/W
Power amplifier output power setting 1
Currently used PA output power is selected by
FREND0.PA_POWER[2:0]
0xDF2E: PA_TABLE0 – PA power setting 0
Bit
Field Name
Reset
R/W
Description
7:0
PA_TABLE0[7:0]
0x00
R/W
Power amplifier output power setting 0
Currently used PA output power is selected by
FREND0.PA_POWER[2:0]
0xDF36: PARTNUM – Chip Identifier
Bit
Field Name
Reset
R/W
Description
7:0
PARTNUM[7:0]
0x01
R
Chip part number
0xDF37: VERSION – Chip Version
Bit
Field Name
Reset
R/W
Description
7:0
VERSION[7:0]
0x00
R
Chip version number.
0xDF38: FREQEST – Frequency Offset Estimate from demodulator
Bit
Field Name
Reset
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com