Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 187 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 187 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 183Page - Texas Instruments CC1110-RTY1 Datasheet HTML 184Page - Texas Instruments CC1110-RTY1 Datasheet HTML 185Page - Texas Instruments CC1110-RTY1 Datasheet HTML 186Page - Texas Instruments CC1110-RTY1 Datasheet HTML 187Page - Texas Instruments CC1110-RTY1 Datasheet HTML 188Page - Texas Instruments CC1110-RTY1 Datasheet HTML 189Page - Texas Instruments CC1110-RTY1 Datasheet HTML 190Page - Texas Instruments CC1110-RTY1 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 187 of 202
0xDF1B: FREND0 – Front end TX configuration
Bit
Field Name
Reset
R/W
Description
7:6
-
00
R0
Reserved
5:4
LODIV_BUF_CURRENT_TX[1:0]
01
R/W
Adjusts current TX LO buffer (input to PA). The value to
use in this field is given by the SmartRF® Studio
software.
3
-
0
R0
Reserved
2:0
PA_POWER[2:0]
000
R/W
Selects PA power setting. This value is an index to the
PATABLE, which can be programmed with up to 8
different PA settings. In ASK mode, this selects the
PATABLE index to use when transmitting a ‘1’.
PATABLE index zero is used in ASK when transmitting a
‘0’. The PATABLE settings from index ‘0’ to the
PA_POWER value are used for ASK TX shaping, and
for power ramp-up/ramp-down at the start/end of
transmission in all TX modulation formats.
0xDF1C: FSCAL3 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
FSCAL3[7:6]
2 (10)
R/W
Frequency synthesizer calibration configuration. The value to write
in this register before calibration is given by the SmartRF® Studio
software.
5:4
CHP_CURR_CAL_EN[1:0]
2 (10)
R/W
Disable charge pump calibration stage when 0
3:0
FSCAL3[3:0]
9
(1001)
R/W
Frequency synthesizer calibration result register.
Fast frequency hopping without calibration for each hop can be
done by calibrating upfront for each frequency and saving the
resulting FSCAL3, FSCAL2 and FSCAL1 register values. Between
each frequency hop, calibration can be replaced by writing the
FSCAL3, FSCAL2 and FSCAL1 register values corresponding to
the next RF frequency.
0xDF1D: FSCAL2 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
-
00
R0
Reserved
5:0
FSCAL2[5:0]
0x0A
R/W
Frequency synthesizer calibration result register.
Fast frequency hopping without calibration for each hop can be
done by calibrating upfront for each frequency and saving the
resulting FSCAL3, FSCAL2 and FSCAL1 register values. Between
each frequency hop, calibration can be replaced by writing the
FSCAL3, FSCAL2 and FSCAL1 register values corresponding to
the next RF frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com