Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 188 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 188 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 184Page - Texas Instruments CC1110-RTY1 Datasheet HTML 185Page - Texas Instruments CC1110-RTY1 Datasheet HTML 186Page - Texas Instruments CC1110-RTY1 Datasheet HTML 187Page - Texas Instruments CC1110-RTY1 Datasheet HTML 188Page - Texas Instruments CC1110-RTY1 Datasheet HTML 189Page - Texas Instruments CC1110-RTY1 Datasheet HTML 190Page - Texas Instruments CC1110-RTY1 Datasheet HTML 191Page - Texas Instruments CC1110-RTY1 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 188 of 202
0xDF1E: FSCAL1 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
-
00
R0
Reserved
5:0
FSCAL1[5:0]
0x02
R/W
Frequency synthesizer calibration result register.
Fast frequency hopping without calibration for each hop can be
done by calibrating upfront for each frequency and saving the
resulting FSCAL3, FSCAL2 and FSCAL1 register values. Between
each frequency hop, calibration can be replaced by writing the
FSCAL3, FSCAL2 and FSCAL1 register values corresponding to
the next RF frequency.
0xDF1F: FSCAL0 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7
-
0
R0
Reserved
4:0
FSCAL0[6:0]
0x0D
R/W
Frequency synthesizer calibration control. The value to
use in this register is given by the SmartRF® Studio
software.
0xDF27: PA_TABLE7 – PA power setting 7
Bit
Field Name
Reset
R/W
Description
7:0
PA_TABLE7[7:0]
0x00
R/W
Power amplifier output power setting 7
Currently used PA output power is selected by
FREND0.PA_POWER[2:0]
0xDF28: PA_TABLE6 – PA power setting 6
Bit
Field Name
Reset
R/W
Description
7:0
PA_TABLE6[7:0]
0x00
R/W
Power amplifier output power setting 6
Currently used PA output power is selected by
FREND0.PA_POWER[2:0]
0xDF29: PA_TABLE5 – PA power setting 5
Bit
Field Name
Reset
R/W
Description
7:0
PA_TABLE5[7:0]
0x00
R/W
Power amplifier output power setting 5
Currently used PA output power is selected by
FREND0.PA_POWER[2:0]
0xDF2A: PA_TABLE4 – PA power setting 4
Bit
Field Name
Reset
R/W
Description
7:0
PA_TABLE4[7:0]
0x00
R/W
Power amplifier output power setting 4
Currently used PA output power is selected by
FREND0.PA_POWER[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com