Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL51002 Datasheet HTML 1Page - Intersil Corporation ISL51002 Datasheet HTML 2Page - Intersil Corporation ISL51002 Datasheet HTML 3Page - Intersil Corporation ISL51002 Datasheet HTML 4Page - Intersil Corporation ISL51002 Datasheet HTML 5Page - Intersil Corporation ISL51002 Datasheet HTML 6Page - Intersil Corporation ISL51002 Datasheet HTML 7Page - Intersil Corporation ISL51002 Datasheet HTML 8Page - Intersil Corporation ISL51002 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
December 22, 2006
Absolute Maximum Ratings
Thermal Information
3.3V Supply Voltage (VA3.3, VD3.3, VPLLA3.3) . . . . . . . . . . . . . 4.6V
1.8V Supply Voltage (VA1.8, VD1.8, VADCD1.8). . . . . . . . . . . . . 2.5V
Voltage on any Input Pin . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3000V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .300V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Supply Voltage Range . . . . . . . . . . . . . . . . . 3.3V ±10%, 1.8V ±10%
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
MQFP Package . . . . . . . . . . . . . . . . . .
30
16
Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2 W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(SOIC, PLCC, etc. Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Specifications apply for VA3.3 = VD3.3 = VPLLA3.3 = 3.3V, VA1.8 = VD1.8 = VPLLD1.8 = VADCD1.8 = 1.8V,
pixel rate = 110MHz for ISL51002-110, 150MHz for ISL51002-150, 165MHz for ISL51002-165, fXTAL = 25MHz,
and TA = +25°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST LEVEL or NOTES
MIN
TYP
MAX
UNITS
FULL CHANNEL CHARACTERISTICS
Conversion Rate
ISL51002-110
10
110
MHz
ISL51002-150
10
150
MHz
ISL51002-165
10
165
MHz
ADC Resolution
10
Bits
Missing Codes
Guaranteed monotonic
None
DNL
(Full-Channel)
Differential Non-Linearity
ISL51002-110
-0.99
±0.5
+1.2
LSB
ISL51002-150
-0.99
±0.7
+1.3
LSB
ISL51002-165
-0.99
±0.8
+1.4
LSB
INL
(Full-Channel)
Integral Non-Linearity
ISL51002-110
±1.9
±3.6
LSB
ISL51002-150
±2.0
±3.8
LSB
ISL51002-165
±2.6
±4.0
LSB
Gain Adjustment Range
±6
dB
Gain Adjustment Resolution
10
Bits
Gain Matching Between
Channels
Percent of full scale
±2
%
Full Channel Offset Error,
ABLC™ enabled
ADC LSBs,
over time and temperature
±0.5
±3.0
LSB
Offset Adjustment Range
(ABLC™ enabled or disabled)
(see ABLC™ applications information
section)
±50%
ADC
Fullscale
ANALOG VIDEO INPUT CHARACTERISTICS (RIN0-3, GIN0-3, BIN0-3)
Input Range
0.35
0.7
2.2
VP-P
Input Bias Current
DC restore clamp off
±0.01
±1
µA
Input Capacitance
5
pF
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com