Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 14Page - Intersil Corporation ISL51002 Datasheet HTML 15Page - Intersil Corporation ISL51002 Datasheet HTML 16Page - Intersil Corporation ISL51002 Datasheet HTML 17Page - Intersil Corporation ISL51002 Datasheet HTML 18Page - Intersil Corporation ISL51002 Datasheet HTML 19Page - Intersil Corporation ISL51002 Datasheet HTML 20Page - Intersil Corporation ISL51002 Datasheet HTML 21Page - Intersil Corporation ISL51002 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
December 22, 2006
0x31
HSYNC/SOG Config,
(0x04)
3:0
Glitch Filter Width
0: 16 crystal clocks
1: 17 crystal clocks
2: 1 crystal clocks
3: 2 crystal clocks
4: 3 crystal clocks (default)
5: 4 crystal clocks
6: 5 crystal clocks
7: 6 crystal clocks
8: 7 crystal clocks
9: 8 crystal clocks
10: 9 crystal clocks
11: 10 crystal clocks
12: 11crystal clocks
13: 12 crystal clocks
14: 13 crystal clocks
15: 14 crystal clocks
4
Sync Glitch Filter Disable
0: glitch filter enabled
1: glitch filter disabled
5
SOG Hyst Disable
0: 40mV hysteresis enabled
1: 40mV hysteresis disabled
6
SOG LPF Disable
0: 14MHz SOG Low Pass Filter Enabled
1: 14MHz SOG Low Pass Filter Disabled
0x32
Sync Polling Control, (0x00)
0
CH0 Polling
0: Enable
1: Disable
1
CH1 Polling
0: Enable
1: Disable
2
CH2 Polling
0: Enable
1: Disable
3
CH3 Polling
0: Enable
1: Disable
4
CH0 Connector Type
0: RGB DB15 (poll for HSYNC, CSYNC, and SOG)
1: Component (poll for SOG only)
5
CH1 Connector Type
0: RGB DB15 (poll for HSYNC, CSYNC, and SOG)
1: Component (poll for SOG only)
6
CH2 Connector Type
0: RGB DB15 (poll for HSYNC, CSYNC, and SOG)
1: Component (poll for SOG only)
7
CH3 Connector Type
0: RGB DB15 (poll for HSYNC, CSYNC, and SOG)
1: Component (poll for SOG only)
MEASUREMENT REGISTERS
0x40
HSYNC Period MSB, (read
only)
7:0
HSYNC Period MSB
These registers report a 16-bit value containing the number of
crystal clocks inside a 16 consecutive HSYNC period window.
This means the 16-bit number will reflect one HSYNC period
with 1/16 LSB resolution - the last 4 -bits of the measurement
will be fractional.
0x41
HSYNC Period LSB, (read
only)
7:0
HSYNC Period LSB
0x42
HSYNC Width MSB, (read
only)
7:0
HSYNC Width MSB
These registers report a 16-bit value containing the number of
crystal clocks inside 16 consecutive HSYNC pulses. This
means the 16-bit number will reflect one HSYNC pulse width
with 1/16 LSB resolution - the last 4 bits of the measurement
will be fractional.
0x43
HSYNC Width LSB,
(read only)
7:0
HSYNC Width LSB
Register Listing (Continued)
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com