Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 19 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 15Page - Intersil Corporation ISL51002 Datasheet HTML 16Page - Intersil Corporation ISL51002 Datasheet HTML 17Page - Intersil Corporation ISL51002 Datasheet HTML 18Page - Intersil Corporation ISL51002 Datasheet HTML 19Page - Intersil Corporation ISL51002 Datasheet HTML 20Page - Intersil Corporation ISL51002 Datasheet HTML 21Page - Intersil Corporation ISL51002 Datasheet HTML 22Page - Intersil Corporation ISL51002 Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
December 22, 2006
0x44
VSYNC Period MSB, (read
only)
3:0
VSYNC Period MSB
These bit report a 12-bit value containing the width of one
frame (= 2 fields for interlaced, = 1 field for progressive) of
video.
VSYNC period for measured channel =
256* VSYNC Period MSB + VSYNC Period LSB
Units are either number of HSYNC periods or number of
fCRYSTAL/512 periods, depending on setting of VSYNC Units
register.
0x45
VSYNC Period LSB, (read
only)
7:0
VSYNC Period LSB
0x46
VSYNC Width,
(read only)
6:0
VSYNC Width
This register reports a 7-bit value containing the width the
VSYNC pulse. The value returned is for true VSYNC only: it
does not include serrations, EQ pulses, Macrovision pulses,
etc. Units are either number of HSYNC periods or number of
fCRYSTAL/512 periods, depending on setting of VSYNC Units
register.
0x47
DE Start MSB, (0x00)
1:0
DE Start MSB
10-bit value containing the number of pixel clocks between the
trailing edge of HSout and the first valid pixel. SXGA default
values.
0x48
DE Start LSB, (0xF6)
7:0
DE Start LSB
0x49
DE Width MSB, (0x05)
3:0
DE Width MSB
12-bit value containing the number of visible image pixels.
SXGA default values.
0x4A
DE Width LSB, (0x00)
7:0
DE Width LSB
0x4B
Line Start MSB, (0x00)
1:0
Line Start MSB
10-bit value containing the number of lines between the trailing
edge of VSYNCOUT and the first valid line. SXGA default
values.
0x4C
Line Start LSB, (0x26)
7:0
Line Start LSB
0x4D
Line Width MSB, (0x04)
3:0
Line Width MSB
12-bit value containing the number of visible lines.
SXGA default values.
0x4E
Line Width LSB, (0x00)
7:0
Line Width LSB
0x4F
Measurement Configuration,
(0x00)
0
VSYNC Units
0: VSYNC measurement reported in units of lines
(HSYNC periods)
1: VSYNC measurement reported in units of 512 crystal clock
periods
1
VSYNC_Linecount_Mode
0: New method (Integer count of HSouts)
1: Old method (Time measurement with rounding errors)
AUTO ADJUST REGISTERS
0x50
Phase ADJ CMD FN, (0x00)
2:0
PADJ Function
Note: A write to this register executes the command contained
in the three LSBs of the word written. Commands:
000: Reserved
001: Reserved
010: Reserved
011: SetPhase
100: Set DE
101: Reserved
110: Reserved
111: Reserved
0x51
Phase ADJ STATUS,
(read only)
7
PADJ Busy
0: Phase Adjustment function idle
1: Phase Adjustment in progress
Register Listing (Continued)
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com