Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 10Page - Intersil Corporation ISL51002 Datasheet HTML 11Page - Intersil Corporation ISL51002 Datasheet HTML 12Page - Intersil Corporation ISL51002 Datasheet HTML 13Page - Intersil Corporation ISL51002 Datasheet HTML 14Page - Intersil Corporation ISL51002 Datasheet HTML 15Page - Intersil Corporation ISL51002 Datasheet HTML 16Page - Intersil Corporation ISL51002 Datasheet HTML 17Page - Intersil Corporation ISL51002 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
December 22, 2006
0x19
Red Offset LSB,(0x00)
5:0
N/A
7:6
Red Offset LSB
2 LSBs of 10-bit offset word
0x1A
Green Offset MSB, (0x80)
7:0
Green Offset MSB
ABLC off: upper 8 bits to Green offset DAC
ABLC enabled: Green digital offset
(See Red Offset)
0x1B
Green Offset LSB, (0x00)
5:0
N/A
7:6
Green Offset LSB
See Red Offset
0x1C
Blue Offset MSB, (0x80)
7:0
Blue Offset MSB
ABLC off: upper 8 bits to Blue offset DAC
ABLC enabled: Blue digital offset
(See Red Offset)
0x1D
Blue Offset LSB, (0x00)
5:0
N/A
7:6
Blue Offset LSB
See Red Offset
0x1E
PLL Htotal MSB,(0x06)
5:0
PLL Htotal MSB
14-bit HTOTAL
PLL updated on LSB write only.
0x1F
PLL Htotal LSB,(0x98)
7:0
PLL Htotal LSB
PLL updated on LSB write only. SXGA default
0x20
PLL Phase,
(0x00)
5:0
PLL Sampling Phase
Used to control the phase of the ADC’s sample point relative
to the period of a pixel. Adjust to obtain optimum image quality.
One step = 5.625° (1.56% of pixel period).
0x21
PLL Pre-coast, (0x04)
7:0
Pre-coast
Number of lines the PLL will coast prior to the start of VSYNC.
0x22
PLL Post-coast, (0x04)
7:0
Post-coast
Number of lines the PLL will coast after the end of VSYNC.
0x23
PLL Misc, (0x00)
0
PLL Lock Edge HSYNC
0: PLL locks to trailing edge of selected HSYNC (default)
1: PLL locks to leading edge of selected HSYNC
1
CLKINV ENABLE
0: CLKINV input ignored
1: CLKINV input enabled
2
Ext Coast SEL
0: Internal COAST generation
1: External COAST source
3
Ext Coast POL
0: Active high external COAST
1: Active low external COAST
4
EXT CLOCK
0: Internal pixel clock from DPLL
1: External pixel clock from EXTCLKin pin
0x24
DC Restore and ABLC
starting pixel MSB, (0x00)
5:0
DC Restore and ABLC
starting pixel (MSB)
Pixel after Raw HSYNC trailing edge to begin DC restore and
ABLC. 14 bits.
0x25
DC Restore and ABLC
starting pixel LSB, (0x02)
7:0
DC Restore and ABLC
starting pixel (LSB)
0x26
DC Restore Clamp Width,
(0x10)
7:0
DC Restore clamp width
Only applies to DC restore clamp used for AC-coupled
configurations. A value of 0x00 means the clamp DAC is
never connected to the input.
Register Listing (Continued)
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com