Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 7Page - Intersil Corporation ISL51002 Datasheet HTML 8Page - Intersil Corporation ISL51002 Datasheet HTML 9Page - Intersil Corporation ISL51002 Datasheet HTML 10Page - Intersil Corporation ISL51002 Datasheet HTML 11Page - Intersil Corporation ISL51002 Datasheet HTML 12Page - Intersil Corporation ISL51002 Datasheet HTML 13Page - Intersil Corporation ISL51002 Datasheet HTML 14Page - Intersil Corporation ISL51002 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
December 22, 2006
Register Listing
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION
STATUS AND INTERRUPT REGISTERS
0x00
Device ID and revision,
(read only, 0x21)
3:0
Device Revision
0x1 = second revision silicon
7:4
Device ID
0x2 = ISL51002
0x01
Selected Input Channel
Characteristics, (read only)
1:0
SYNC Type
00: Automatic Sync Selection logic could not find good sync on
H, V, or SOG (Automatic Sync mode only)
01: SYNC on HSYNC/VSYNC
10: CSYNC on HSYNC
11: CSYNC on Green Channel (SOG)
2
HSYNC Polarity
0: HSYNC Active High
1: HSYNC Active Low
3
VSYNC Polarity
0: VSYNC Active High
1: VSYNC Active Low
4
Tri-level Sync
0: Bi-level SOG (if SOG is active)
1: Tri-level SOG
5
Interlaced
(Only for CSYNC)
0: Non-interlaced or progressive signal
1: Interlaced signal
6
Macrovision
0: No Macrovision detected
1: Macrovision encoding detected
7
PLL Locked
0: PLL unlocked
1: PLL locked to incoming HSYNC
0x02
CH0 and CH1 Activity
Status, (read only)
0
HSYNC0 Activity
0: HSYNC0 Inactive
1: HSYNC0 Active – There is a periodic signal with frequency
>1kHz and consistent low/high times on this input
1
VSYNC0 Activity
0: VSYNC0 Inactive
1: VSYNC0 Active – There is a periodic signal with frequency
>20Hz and consistent low/high times on this input
3:2
SOG0 Activity
00: SOG0 Inactive – No transitions detected at the SOG Slicer
output.
01: SOG0 Active – Non-periodic transitions detected at the
SOG Slicer output – possibly valid SOG with a bad slicer
threshold, or simply video with no valid SOG.
10: SOG0 Periodic – There is a periodic signal with frequency
>1kHz and consistent low/high times on this input. This is
most likely a valid SOG signal.
4
HSYNC1 Activity
See HSYNC0 Activity description
5
VSYNC1 Activity
See VSYNC0 Activity description
7:6
SOG1 Activity
See SOG0 Activity description
0x03
CH2 and CH3 Activity
Status, (read only)
0
HSYNC2 Activity
See HSYNC0 Activity description
1
VSYNC2 Activity
See VSYNC0 Activity description
3:2
SOG2 Activity
See SOG0 Activity description
4
HSYNC3 Activity
See HSYNC0 Activity description
5
VSYNC3 Activity
See VSYNC0 Activity description
7:6
SOG3 Activity
See SOG0 Activity description
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com