Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL51002 Datasheet HTML 1Page - Intersil Corporation ISL51002 Datasheet HTML 2Page - Intersil Corporation ISL51002 Datasheet HTML 3Page - Intersil Corporation ISL51002 Datasheet HTML 4Page - Intersil Corporation ISL51002 Datasheet HTML 5Page - Intersil Corporation ISL51002 Datasheet HTML 6Page - Intersil Corporation ISL51002 Datasheet HTML 7Page - Intersil Corporation ISL51002 Datasheet HTML 8Page - Intersil Corporation ISL51002 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
December 22, 2006
IA1.8
Analog Supply Current, 1.8V
(Note 1)
Includes 1.8V ADC reference current
draw
270
375
mA
ID3.3
Digital Supply Current, 3.3V
(Note 1)
Grayscale ramp input
30
60
mA
ID1.8
Digital Supply Current, 1.8V
(Note 1)
Grayscale ramp input
65
95
mA
IADCD1.8
33
65
mA
IPLLD1.8
1.8
10
mA
PD
Total Power Dissipation
Grayscale ramp input
Standby Mode
0.98
1.25
W
50
100
mW
AC TIMING CHARACTERISTICS
PLL Jitter (Note 2)
250
450
ps p-p
Sampling Phase Steps
5.6° per step
64
Sampling Phase Tempco
±1
ps/°C
Sampling Phase
Differential Nonlinearity
Degrees out of +360°
±3
°
Hsync Frequency Range
10
150
kHz
fXTAL
Crystal Frequency Range
12
25
27
MHz
tSETUP
Data Valid Before Rising Edge of
Dataclk
20pF DATACLK load,
20pF DATA load
1.8
ns
tHOLD
Data Valid After Rising Edge of
Dataclk
20pF DATACLK load,
20pF DATA load
3.4
ns
NOTES:
1. Supply current specified at max pixel rate (165MHz) with gray scale video applied.
2. Jitter tested at rated frequencies (165MHz, 150MHz, 110MHz) and at minimum frequency (10MHz).
Electrical Specifications
Specifications apply for VA3.3 = VD3.3 = VPLLA3.3 = 3.3V, VA1.8 = VD1.8 = VPLLD1.8 = VADCD1.8 = 1.8V,
pixel rate = 110MHz for ISL51002-110, 150MHz for ISL51002-150, 165MHz for ISL51002-165, fXTAL = 25MHz,
and TA = +25°C, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST LEVEL or NOTES
MIN
TYP
MAX
UNITS
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com