Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 18Page - Intersil Corporation ISL51002 Datasheet HTML 19Page - Intersil Corporation ISL51002 Datasheet HTML 20Page - Intersil Corporation ISL51002 Datasheet HTML 21Page - Intersil Corporation ISL51002 Datasheet HTML 22Page - Intersil Corporation ISL51002 Datasheet HTML 23Page - Intersil Corporation ISL51002 Datasheet HTML 24Page - Intersil Corporation ISL51002 Datasheet HTML 25Page - Intersil Corporation ISL51002 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
December 22, 2006
Technical Highlights
The ISL51002 provides all the features of traditional triple
channel video AFEs, but adds several next-generation
enhancements, bringing performance and ease of use to
new levels.
DPLL
All video AFEs must phase lock to an HSYNC signal,
supplied either directly or embedded in the video stream
(Sync On Green). Historically this has been implemented as
a traditional analog PLL. At SXGA and lower resolutions, an
analog PLL solution has proven adequate, if somewhat
troublesome (due to the need to adjust charge pump
currents, VCO ranges and other parameters to find the
optimum trade-off for a wide range of pixel rates).
As display resolutions and refresh rates have increased,
however, the pixel period has shrunk. An XGA pixel at a
60Hz refresh rate has 15.4ns to change and settle to its new
value. But at UXGA 75Hz, the pixel period is 4.9ns. Most
consumer graphics cards (even the ones with “350MHz”
DACs) spend most of that time slewing to the new pixel
value. The pixel may settle to its final value with 1ns or less
before it begins slewing to the next pixel. In many cases it
rings and never settles at all. So precision, low-jitter
sampling is a fundamental requirement at these speeds, and
a difficult one for an analog PLL to meet.
The ISL51002's DPLL has less than 250ps of jitter, peak to
peak, and independent of the pixel rate. The DPLL generates
64 phase steps per pixel (vs. the industry standard 32), for
fine, accurate positioning of the sampling point. The crystal-
locked NCO inside the DPLL completely eliminates drift due to
charge pump leakage, so there is inherently no frequency or
phase change across a line. An intelligent all-digital loop
filter/controller eliminates the need for the user to have to
program or change anything (except for the number of pixels)
to lock over a range from interlaced video (10MHz or higher)
to UXGA 60Hz (165MHz, with the ISL51002-165).
The DPLL eliminates much of the performance limitations and
complexity associated with noise-free digitization of high
speed signals.
Automatic Black Level Compensation (ABLC™)
and Gain Control
Traditional video AFEs have an offset DAC prior to the ADC,
to both correct for offsets on the incoming video signals and
add/subtract an offset for user “brightness control” without
sacrificing the 10-bit dynamic range of the ADC. This
solution is adequate, but it places significant requirements
on the system's firmware, which must execute a loop that
detects the black portion of the signal and then servos the
offset DACs until that offset is nulled (or produces the
desired ADC output code). Once this has been
accomplished, the offset (both the offset in the AFE and the
offset of the video card generating the signal) is subject to
drift - the temperature inside a monitor or projector can
easily change +50°C between power-on/offset calibration on
a cold morning and the temperature reached once the
monitor and the monitor's environment have reached steady
state. Offset can drift significantly over +50°C, reducing
image quality and requiring that the user do a manual
calibration once the monitor has warmed up.
In addition to drift, many AFEs exhibit interaction between
the offset and gain controls. When the gain is changed, the
magnitude of the offset is changed as well. This again
increases the complexity of the firmware as it tries to
optimize gain and offset settings for a given video input
signal. Instead of adjusting just the offset, then the gain, both
have to be adjusted interactively until the desired ADC
output is reached.
The ISL51002 simplifies offset and gain adjustment and
completely eliminates offset drift using its Automatic Black
Level Compensation (ABLC™) function. ABLC™ monitors the
black level and continuously adjusts the ISL51002's 10-bit
offset DACs to null out the offset. Any offset, whether due to
the video source or the ISL51002's analog amplifiers, is
eliminated with 10-bit accuracy. Any drift is compensated for
well before it can have a visible effect. Manual offset
adjustment control is still available (a 10-bit register allows the
firmware to adjust the offset ±64 codes in exactly 1 ADC LSB
increments). Gain is now completely independent of offset
(adjusting the gain no longer affects the offset, so there is no
longer a need to program the firmware to cope with interactive
offset and gain controls).
Finally, there should be no concerns over ABLC™ itself
introducing visible artifacts; it doesn't. ABLC™ functions at a
very low frequency, changing the offset in 1 LSB increments,
so it can't cause visible brightness fluctuations. And once
ABLC™ is locked, if the offset doesn't drift, the DACs won't
change. If desired, ABLC™ can be disabled, allowing the
firmware to work in the traditional way, with 10-bit offset
DACs under the firmware's control.
Gain and Offset Control
To simplify image optimization algorithms, the ISL51002
features fully-independent gain and offset adjustment.
Changing the gain does not affect the DC offset, and the
weight of an Offset DAC LSB does not vary depending on
the gain setting.
The full-scale gain is set in the three sets of registers (0x12
and 0x13-0x16 and 0x17).Each set of gain registers is
divided into an 8-bit MSB register (0x12, 0x14 and 0x16) and
a 2-bit LSB register providing a 10-bit gain value that both
allows for 8-bit control compatible with the 8-bit family of
AFEs and allows for the expansion of the gain resolution in
future AFEs without significant firmware changes. The
ISL51002 can accept input signals with amplitudes ranging
from 0.35VP-P to 1.4VP-P.
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com