Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 13Page - Intersil Corporation ISL51002 Datasheet HTML 14Page - Intersil Corporation ISL51002 Datasheet HTML 15Page - Intersil Corporation ISL51002 Datasheet HTML 16Page - Intersil Corporation ISL51002 Datasheet HTML 17Page - Intersil Corporation ISL51002 Datasheet HTML 18Page - Intersil Corporation ISL51002 Datasheet HTML 19Page - Intersil Corporation ISL51002 Datasheet HTML 20Page - Intersil Corporation ISL51002 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
December 22, 2006
0x2D
XTAL CLOCK FREQ,
(0x19)
4:0
Crystal Clock Frequency
Crystal clock frequency in MHz (decimal).
0x00: Test Mode, Do not use.
0x01 - 0x0A: 10MHz, APLL DIV = 35 (0x23)
0x0B: 11MHz, APLL DIV = 32
0x0C: 12MHz, APLL DIV = 30
0x0D: 13MHz, APLL DIV = 27
0x0E: 14MHz, APLL DIV = 25
0x0F: 15MHz, APLL DIV = 24
0x10: 16MHz, APLL DIV = 22
0x11: 17MHz, APLL DIV = 21
0x12: 18MHz, APLL DIV = 20
0x13: 19MHz, APLL DIV = 19
0x14: 20MHz, APLL DIV = 18
0x15: 21MHz, APLL DIV = 17
0x16: 22MHz, APLL DIV = 16
0x17: 23MHz, APLL DIV = 16
0x18: 24MHz, APLL DIV = 15
0x19: 25MHz, APLL DIV = 14
0x1A: 26MHz, APLL DIV = 14
0x1B: 27MHz, APLL DIV = 13
0x1C: 28MHz, APLL DIV = 13
0x1D: 29MHz, APLL DIV = 13
0x1E: 30MHz, APLL DIV = 12
0x1F: 31MHz, APLL DIV = 12
0x2E
AFE Bandwidth, (0x0E)
3:0
AFE BW
-3dB point for AFE lowpass filter
0: 9MHz
1: 10MHz
2: 11MHz
3: 12MHz
4: 14MHz
5: 17MHz
6: 21 MHz
7: 24MHz
8: 30MHz
9: 38MHz
A: 50MHz
B: 75MHz
C: 83MHz
D: 105MHz
E: 149MHz (default)
F: 450MHz
0x2F
HSYNC Slicer Thresholds,
(0x44)
All values referred to
voltage at HSYNC input pin,
300mV hysteresis
3:0
Selected HSYNC Threshold HSYNC slicer threshold for selected input channel (only 3 bits
used, lowest bit is ignored):
0000 = lowest (0.4V)
0100 = default (1.15V)
1111 = highest (3.2V)
7:4
Unselected HSYNC
Threshold
HSYNC threshold for monitoring unselected inputs. See
Selected HSYNC Threshold for values.
0x30
SOG Slicer Thresholds,
(0x66)
3:0
SOG Threshold
SOG slicer threshold:
0000 = lowest (0mV)
0110 = default (120mV)
1111 = highest (300mV)
Register Listing (Continued)
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com