Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 25 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 25 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 21Page - Intersil Corporation ISL51002 Datasheet HTML 22Page - Intersil Corporation ISL51002 Datasheet HTML 23Page - Intersil Corporation ISL51002 Datasheet HTML 24Page - Intersil Corporation ISL51002 Datasheet HTML 25Page - Intersil Corporation ISL51002 Datasheet HTML 26Page - Intersil Corporation ISL51002 Datasheet HTML 27Page - Intersil Corporation ISL51002 Datasheet HTML 28Page - Intersil Corporation ISL51002 Datasheet HTML 29Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
December 22, 2006
Intersil’s DPLL has the capability to correct large phase
changes almost instantly by maximizing the phase error gain
while keeping the frequency gain relatively low. This is done
by changing the contents of register 0x74 to 0x4C. This
increases the phase error gain to 100%. Because a phase
setting this high will slightly increase jitter, the default setting
(0x49) for register 0x74 is recommended for all other sync
sources.
SYNC TIMING MEASUREMENT
The ISL51002 analyzes the timing characteristics of the
sysnc signals for the currently selected input channel and
presents the results in registers 0x40 through 0x0x46.
The Hsync period and pulse width values are 16-bit numbers
representing the number of crystal clocks in 16 consecutive
periods or pulse widths giving a measurment resolution of
1/16th of a crystal clock.
The Vsync period is a 12-bit number representing the
number of either Hsyncs or units of 512 crystal clocks that
occure in one video frame. The default is to count Hsync
pulses but setting register 0x4F[0] = 1 changes to the units
to crystal clock / 512.
The Vsync pulse width is a 12-bit number representing the
number of either Hsyncs or units of 512 crystal clocks that
occure in one Vsync. The default is to count Hsync pulses
but setting register 0x4F[0] = 1 changes to the units to
crystal clock/512.
PGA
The ISL51002’s Programmable Gain Amplifier (PGA) has a
nominal gain range from 0.5V/V (-6dB) to 2.0V/V (+6dB).
The transfer function is:
where GainCode is the value in the Gain register for that
particular color. Note that for a gain of 1V/V, the GainCode
should be 85 (0x55). This is a different center value than the
128 (0x80) value used by some other AFEs, so the firmware
should take this into account when adjusting gains.
The PGAs are updated by the internal clamp signal once per
line. In normal operation this means that there is a maximum
delay of one HSYNC period between a write to a Gain
register for a particular color and the corresponding change
in that channel’s actual PGA gain. If there is no regular
HSYNC/SOG source, or if the external clamp option is
enabled (register 0x10[7:6]) but there is no external clamp
signal being generated, it may take up to 100ms for a write
to the Gain register to update the PGA. This is not an issue
in normal operation with RGB and YPbPr signals.
Offset DAC
The ISL51002 features a 10-bit Digital-to-Analog Converter
(DAC) to provide extremely fine control over the full channel
offset. The DAC is placed after the PGA to eliminate
interaction between the PGA (controlling “contrast”) and the
Offset DAC (controlling “brightness”).
In normal operation, the Offset DAC is controlled by the
ABLC™ circuit, ensuring that the offset is always reduced
to sub-LSB levels (See the following ABLC™ section for
more information). When ABLC™ is enabled, the Offset
register pairs (0x18 & 0x19 - 0x1C & 0x1D) control a digital
offset added to or subtracted from the output of the ADC.
This mode provides the best image quality and eliminates
the need for any offset calibration.
If desired, ABLC™ can be disabled (0x27[0] = 1) and the
Offset DAC programmed manually, with the 8 most
significant bits in registers 0x18, 0x1A,10x1C, and the 2
least significant bits in registers 0x19[7:6], 0x1B[7:6] and
0x1D[7:6].
-
+
GREEN
SLICER DAC
600m V - 900m V
+
–
600m V
SOGIN
1µA
4
RIN
CIN
10nF
500
CLAM P
SLICE
FILTER
ON/OFF
HIST
ON/OFF
-
+
SYNCOUT
FIGURE 2. SOG SLICER
Ω
Gain
V
V
----
⎝⎠
⎛⎞
0.5
GainCode
170
-----------------------------
+
=
(EQ. 1)
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com