Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 32 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 32 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 24Page - Intersil Corporation ISL51002 Datasheet HTML 25Page - Intersil Corporation ISL51002 Datasheet HTML 26Page - Intersil Corporation ISL51002 Datasheet HTML 27Page - Intersil Corporation ISL51002 Datasheet HTML 28Page - Intersil Corporation ISL51002 Datasheet HTML 29Page - Intersil Corporation ISL51002 Datasheet HTML 30Page - Intersil Corporation ISL51002 Datasheet HTML 31Page - Intersil Corporation ISL51002 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
December 22, 2006
ISL51002
Metric Plastic Quad Flatpack Packages (MQFP)
Y
ALL AROUND
DROP IN HEAT SPREADER
4 STAND POINTS EXPOSED
PIN 1 ID
D1
D
E
E1
12.500 REF
C0.600x0.350
(4X)
13.870 ±0.100
14.000 ±0.100
A
A
12° ALL
AROUND
(D1)
1
1 SECTION A-A
T
b
b1
T1
A2
A
A1
R0.13 MIN
R0.25 TYP
C
ddd
C
M
L1
0° MIN
0.200 MIN
α
T
GAUGE
PLANE
DETAIL Y
0.13~0.30
128
1
L
b
e
SEATING
PLANE
0.25 BASE
MDP0055
14x20mm 128 LEAD MQFP (WITH AND WITHOUT HEAT
SPREADER) 3.2mm FOOTPRINT
SYMBOL
DIMENSIONS
REMARKS
A
Max 3.40
Overall height
A1
0.250~0.500
Standoff
A2
2.750±0.250
Package thickness
α
0°~7°
Foot angle
b
0.220±0.050
Lead width
b1
0.200±0.030
Lead base metal width
D
17.200±0.250
Lead tip to tip
D1
14.000±0.100
Package length
E
23.200±0.250
Lead tip to tip
E1
20.000±0.100
Package width
e
0.500 Base
Lead pitch
L
0.880±0.150
Foot length
L1
1.600 Ref.
Lead length
T
0.170±0.060
Frame thickness
T1
0.152±0.040
Frame base metal thickness
ccc
0.100
Foot coplanarity
ddd
0.100
Foot position
Rev. 1 10/05
NOTES:
1. General tolerance: Distance ±0.100, Angle +2.5°.
2.
Matte finish on package body surface except ejection and
pin 1 marking (Ra 0.8~2.0um).
3. All molded body sharp corner RADII unless otherwise specified
(Max RO.200).
4. Package/Leadframe misalignment (X, Y): Max. 0.127
5. Top/Bottom misalignment (X, Y): Max. 0.127
6. Drawing does not include plastic or metal protrusion or cutting
burr.
7.
Compliant to JEDEC MS-022.
1
1
1
1
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com