Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 12Page - Intersil Corporation ISL51002 Datasheet HTML 13Page - Intersil Corporation ISL51002 Datasheet HTML 14Page - Intersil Corporation ISL51002 Datasheet HTML 15Page - Intersil Corporation ISL51002 Datasheet HTML 16Page - Intersil Corporation ISL51002 Datasheet HTML 17Page - Intersil Corporation ISL51002 Datasheet HTML 18Page - Intersil Corporation ISL51002 Datasheet HTML 19Page - Intersil Corporation ISL51002 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
December 22, 2006
0x29
Output Format 2, (0x00)
0
DATACLK Polarity
0: Pixel data changes on falling edge (default)
1: Pixel data changes on rising edge
1
FIELD output polarity
0: Odd = low, Even = high (default)
1: Odd = high, Even = low
2
Macrovision
0: Digitize Macrovision encoded signals (default)
1: Blank AFE output for Macrovision encoded signals. If
Macrovision is detected, AFE output is always 0x00 0x00
0x00 for RGB, or 0x00, 0x80, 0x80 for YUV.
3
HSOUT Polarity
0: Active High (default)
1: Active Low
4
HSOUT Lock Edge
0: HSOUT’s leading edge is locked to selected HSYNCin’s
lockedge. Trailing edge moves forward in time as HSout
width is increased (default).
1: HSOUT’s trailing edge is locked to selected HSYNCin’s
lockedge. Leading edge moves backward in time as HSout
width is increased.
5
XTALCLKOUT Frequency
0: XTALCLKOUT= fCRYSTAL (default)
1: XTALCLKOUT= fCRYSTAL/2
6
Enable XTALCLKOUT
0 = XTALCLKOUT is logic low (default)
1 = XTALCLKOUT enabled
0x2A
HSOUT Width, (0x10)
7:0
HSOUT Width
HSOUT Width in pixels, 0x00 to 0xFF. HSOUT Lock Edge
determines whether leading or trailing edge is locked to
HSYNCin
0x2B
Output Signal Disable,
(0xFF)
Note: All digital outputs are
tristated by default to ease
multiplexing with other
AFEs
0
Tri-state Red
0 = Outputs enabled
1 = Outputs in tristate
1
Tri-state Green
0 = Outputs enabled
1 = Outputs in tristate
2
Tri-state Blue
0 = Outputs enabled
1 = Outputs in tristate
3
Tri-state SYNC
0 = HSout, HSYNCout, VSYNCout enabled
1 = Outputs in tristate
4
Tri-state DATACLK
0 = Output enabled
1 = Output in tristate
5
Tri-state DATACLKb
0 = Output enabled
1 = Output in tristate
6
Tri-state DE
0 = Output enabled
1 = Output in tristate
7
Tri-state Field
0 = Output enabled
1 = Output in tristate
0x2C
Power Control, (0x00)
0
Red Power Down
0 = Red ADC operational (default)
1 = Red ADC powered down
1
Green Power Down
0 = Green ADC operational (default)
1 = Green ADC powered down
2
Blue Power Down
0 = Blue ADC operational (default)
1 = Blue ADC powered down
3
PLL Power Down
0 = PLL operational (default)
1 = PLL powered down
Register Listing (Continued)
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com