Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 20 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 20 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 16Page - Intersil Corporation ISL51002 Datasheet HTML 17Page - Intersil Corporation ISL51002 Datasheet HTML 18Page - Intersil Corporation ISL51002 Datasheet HTML 19Page - Intersil Corporation ISL51002 Datasheet HTML 20Page - Intersil Corporation ISL51002 Datasheet HTML 21Page - Intersil Corporation ISL51002 Datasheet HTML 22Page - Intersil Corporation ISL51002 Datasheet HTML 23Page - Intersil Corporation ISL51002 Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
December 22, 2006
0x52
Phase ADJ MASK V, (0x01)
2:0
PADJ Exclude v2
Vertical line mask: How many lines to exclude before the
leading edge of vsync
000: 0 lines
001: 1 lines (default)
010: 2 lines
011: 4 lines
100: 6 lines
101: 8 lines
110: 10 lines
111: 12 lines
3N/A
6:4
PADJ Exclude v1
Choose how many lines to exclude after the leading edge of
vsync (typically used to exclude VBI data)
000: 5 lines (default)
001: 18 lines
010: 19 lines (480i)
011: 20 lines (1080i)
100: 22 lines (576i)
101: 25 lines (720p)
110: 41 lines (480p/1080p)
111: 44 lines (576p)
0x53
Horizontal pixel mask 1,
(0x01)
7:0
PADJ Exclude h1
If a value of ‘N’ is programmed in this register, 2*N pixels after
the active edge of HSOUT will be excluded from data
collection.
Must be >0 for proper operation.
0x54
Horizontal pixel mask 2,
(0x01)
7:0
PADJ Exclude h2
If a value of ‘N’ is programmed in this register, 2*N pixels
before the active edge of HSOUT will be excluded from data
collection.
Must be >0 for proper operation.
0x55
Phase Adjust Command
Options, (0x20)
0
PADJ Blue Disable
Enable/disable blue color for measurement
0: enable
1: disable
1
PADJ Green Disable
Enable/disable green color for measurement
0: enable
1: disable
2
PADJ Red Disable
Enable/disable red color for measurement
0: enable
1: disable
3
PADJ Adjust Search Option Search option for auto phase adjustment
0: best phase
1: worst phase
4
PADJ Adjust Speed
This is a hidden bit for customers. It decides whether the
search steps are 28 (fast) or 64 vsync intervals (slow).
0: 28 VSYNCs
1: 64 VSYNCs
5
Update Phase on VSYNC
0: phase updated immediately
1: phase updated on VSYNC (default)
6
PADJ Soft Reset
0: Normal operation
1: Reset all phase adjust state machines
Take high then low to reset phase adjust block
7
Reserved
Set to 0
Register Listing (Continued)
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com