Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 5Page - Intersil Corporation ISL51002 Datasheet HTML 6Page - Intersil Corporation ISL51002 Datasheet HTML 7Page - Intersil Corporation ISL51002 Datasheet HTML 8Page - Intersil Corporation ISL51002 Datasheet HTML 9Page - Intersil Corporation ISL51002 Datasheet HTML 10Page - Intersil Corporation ISL51002 Datasheet HTML 11Page - Intersil Corporation ISL51002 Datasheet HTML 12Page - Intersil Corporation ISL51002 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
December 22, 2006
INT
Digital output, open drain, 5V tolerant. Interrupt output indicating mode change or command execution status. Pull high
with a 4.7k resistor.
DE
3.3V digital output. High when there is valid video data, low during horizontal and vertical blanking periods.
FIELD
3.3V digital output. For interlaced video, this output will changes states to indicate whether current field is even or odd.
Polarity is determined by configuration register.
VA3.3
Power supply for the analog section. Connect to a 3.3V supply and bypass each pin to GNDA with 0.1µF.
VA1.8
Power supply for the analog section. Connect to a 1.8V supply and bypass each pin to GNDA with 0.1µF.
VPLLA3.3
Power supply for the analog PLL section. Connect to a 3.3V supply and bypass to GNDA with 0.1µF.
GNDA
Ground return for VA3.3, VA1.8, and VPLLA1.8.
VD3.3
Power supply for all digital I/Os. Connect to a 3.3V supply and bypass each pin to GNDD with 0.1µF.
VD1.8
Power supply for digital core logic. Connect to a 1.8V supply and bypass each pin to GNDD with 0.1µF.
VADCD1.8
Power supply for the digital ADC section. Connect to a 1.8V supply and bypass to GNDD with 0.1µF.
VPLLD1.8
Power supply for the digital PLL section. Connect to a 1.8V supply and bypass to GNDD with 0.1µF.
GNDD
Ground return for VD3.3, VD1.8, VADCD1.8, and VPLLD1.8.
ATEST1, 2
For production use only. Tie to GNDA.
DTEST1, 2, 3, 4
For production use only. Tie to GNDD.
NC
Reserved. Do not connect anything to these pins.
Pin Description
SYMBOL
DESCRIPTION
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com