Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL51002 Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL51002
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL51002 Datasheet HTML 17Page - Intersil Corporation ISL51002 Datasheet HTML 18Page - Intersil Corporation ISL51002 Datasheet HTML 19Page - Intersil Corporation ISL51002 Datasheet HTML 20Page - Intersil Corporation ISL51002 Datasheet HTML 21Page - Intersil Corporation ISL51002 Datasheet HTML 22Page - Intersil Corporation ISL51002 Datasheet HTML 23Page - Intersil Corporation ISL51002 Datasheet HTML 24Page - Intersil Corporation ISL51002 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
December 22, 2006
0x56
Transition threshold, (0x0A)
7:0
PADJ Threshold
Threshold of transitions visible for capturing. These are the 8
MSBs of the 10-bit threshold word used for phase quality
measurements. The actual 10-bit threshold used equals the
value in this register times 4.
0x57
Phase Adjust Data 3, (read
only)
7:0
Reserved
Reserved
0x58
Phase Adjust Data 2, (read
only)
7:0
Reserved
Reserved
0x59
Phase Adjust Data 1, (read
only)
7:0
Reserved
Reserved
0x5A
Phase Adjust Data 0, (read
only)
7:0
Reserved
Reserved
0x60
AFE CTRL, (0x00)
0
Reserved
Set to 0
1
700mV calibration
0: Normal operation
1: All three inputs connected to internal ~700mV reference
voltage
2
Coast Clamp Enable
0: DC restore clamping and ABLC suspended during Coast
and Macrovision (default)
1: DC restore clamping and ABLC continue during Coast
3
Reserved
Set to 0
4
Blue Midscale
0: Half scale analog shift not added to Blue Channel (UV)
1: Half scale analog shift added to Blue Channel (YRGB)
5
Green Midscale
0: Half scale analog shift not added to Green Channel (UV)
1: Half scale analog shift added to Green Channel (YRGB)
6
Red Midscale
0: Half scale analog shift not added to Red Channel (UV)
1: Half scale analog shift added to Red Channel (YRGB)
7
Midscale Override
0: Midscale determined by RGB/YUV bit in User Control
section – settings in 0x60[6:4] are ignored (default).
1: Midscale determined by 0x60[6:4]
0x61
ADC CTRL, (0x00)
0
Dither Enable
0: Dither disabled (default)
1: Dither enabled
1
Dither Amplitude
0: 16 LSBs (default)
1: 8 LSBs
3:2
Dither Increment
00: Every Pixel (default)
01: Every HSYNC
10 and 11: Every VSYNC
4
Dither Seed Reset
Set to 1 and then to 0 to reset
Register Listing (Continued)
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION
ISL51002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com