Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 136 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 132Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 133Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 134Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 135Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 136Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 137Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 138Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 139Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 143 page
background image
Rev 3, Oct 2021
• In section "QuadSPI Quad 3.3V SDR 120MHz", for Symbol "tSDC" footnote added "For S32K342 100MQFP, tSDC spec
would be ..."
• In section "QuadSPI Quad 3.3V SDR 120MHz" added sentence "Program register value
QuadSPI_DLLCRA[SLV_FINE_OFFSET] to 4'b0001.".
• In section "QuadSPI Octal 3.3V DDR 120MHz", Symbol "tSCK" min is calrified, condition updated to External DQS and
"tSCK" with condition Internal Loopback is deleted.
• In section "QuadSPI Octal 3.3V DDR 120MHz", Symbol "tSDC" condition updated to External DQS and "tSDC" with
condition Internal Loopback is deleted..
• In section "QuadSPI Octal 3.3V DDR 120MHz", specifications tISU_PCS, tIH_PCS, tCK2CKmin and tCK2CKmax are
deleted.
Rev 2, Aug 2021
• Added section "Overview".
• In block diagrams:
— S32K311/S32K312/S32K314 removed "Scalable ARM M7 core in Lock step" and added "Single ARM M7 core".
— S32K322/S32K324 removed "Scalable ARM M7 core in Lock step" and added "Two independent ARM M7 cores".
• In "Absolute maximum ratings" and "Voltage and current operating requirements":
— Some general footnotes are moved to top of table
— VDD_HV_SMPS added footnotes
• In "Voltage and current operating requirements" for VREFH extended footnote "VREFH should always be equal to...".
• Updated title - Power management system - S32K344, S32K324, S32K341, S32K314, S32K342, and S32K322.
• In figure "Power management system - S32K358" updated double bond to triple bond.
• In section "Recommended Decoupling Capacitors" added COUT_V11 with typ as 1 uF.
• Added section "Power mode transition operating behaviors" and its subsections:
— Power mode transition operating behaviour
— Boot time, HSE firmware not installed
— Boot time, HSE firmware installed
— HSE firmware memory verification time examples
• Moved information from "Supply monitoring" to "Supply diagnosos" and attached it to "AN_ACC". The information is "If
V15 > VDD_HV_A +100mV then..."
• Updated figure "Package decoupling capacitor pinout diagram" to add 289 MapBGA
• In section "Glitch Filter", added sentence ".... WKPU pins and TRGMUX inputs 60-63.".
• Section "Flash memory program and erase specifications" updated thoroughly.
• In section "Flash memory module life specifications" removed footnotes 1 and 2.
• In section "Data retention vs program/erase cycles" added sentence before related to figure "The spec window
represents qualified limits.".
• In section "Flash memory AC timing specifications":
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
136 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com