Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 138 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 138 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 134Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 135Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 136Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 137Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 138Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 139Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 140Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 141Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 143 page
background image
Rev 2 Draft B, Mar 2021
— "Power management system - S32K358" figure added.
• In section "Supply Monitoring", Symbol "HVD_V15" is added.
• In section "Supply Monitoring", for "LVD_VDD_HV_A", symbol and description updated.
• Added section "SMPS regulator electrical specifications"
• In section "NPN Ballast Transistor Control Specification", fig with title "Ballast circuit" is changed.
• In section "Supply currents" and "operating mode" tables are updated.
• In section "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)", fig with title "Reference Load Diagram" is
changed.
• In section "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)", footnote updated "A positive value is
leakage flowing into...".
• In section "GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)", Symbol "ILKG_50_S_PTE13" with condition "PMC
VRC_CTRL pin" is added.
• In section "GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)", footnote updated "A positive value is leakage flowing
into...".
• In section "GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)", fig with title "Reference Load Diagram" is changed.
• In section "Flash memory specification", added specs for 512KB and 2MB specifications.
• In table "Flash memory AC timing specifications", taistop max updated.
• Updated "Flash Read Wait State Settings"
• In section "Low Power Comparator (LPCMP)", updated IDLSS typ to 17uA.
• In section "Low Power Comparator (LPCMP)", updated INL and DNL.
• In section "Low Power Comparator (LPCMP)", updated paragraph "For devices where the VDD_HV_B domain is
present..."
• In "Low Power Comparator (LPCMP)" added hysterisis plots.
• In section "PLL", symbol "FPLL_out" description updated to add (PLL_PHIn_CLK)
• In section "PLL", "IPLL_V25" deleted.
• In section "PLL", updated jitter specifications.
• In section "FXOSC", updated paragraph "To improve the FXOSC jitter and duty cycle performance...".
• In section "SXOSC", updated description of "ISXOSC" to Oscillator Analog circuit supply current.
• In section "I2C", added paragraph "For supported baud rate ....."
• Added section "I3C".
• In section "FlexCAN characteristics", added paragraph "For supported baud rate ....."
• Added QuadSPI DDR electrical specifications for Octal and Quad.
• Added uSDHC specifications.
• Updated "Thermal characteristics" and "Obtaining package dimensions"
Rev 2 Draft A, Nov 2020
• Updated features to show maximum memory support up to 8 MB.
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
138 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com