Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  0331 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Type 0331
4 | 23
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “5. Dimensions” on page 9.
Material
Seal
EPDM
FKM
FFKM
NBR
Body
Brass
Stainless steel (1.4401/316)
PP (Polypropylene)
PEEK
PVDF (on request)
Material resistance
Further information can be found in chapter “4.1. Bürkert resistApp” on page 8.
Weight
Standard version
Metal body: 1.04 lb
Plastic body: 0.88 lb
Explosion-proof version
Metal body: 1.65 lb
Plastic body: 1.32 lb
Orifice
DN 2…DN 4
Circuit function
Further information can be found in chapter “2. Circuit functions” on page 5.
Thermal insulation class of
solenoid coil
H
Performance data
Duty cycle
With brass and stainless steel
100 %
With PP and PVDF
40 % duty cycle (60 % intermittent operation) in 30 min for 8 W version
100 % duty cycle for 5 W version
With PEEK
60 % duty cycle (40 % intermittent operation) in 30 min for 8 W version
With block mounting
Use reduced duty cycle or 5 W coil
Switching frequency
(explosion-proof version)
Medium temperature up to + 158 °F: max. 20/min
Medium temperature up to + 194 °F: max. 5/min
Switching time 1.) standard version
Frequency AC
Opening: 8…15 ms
Closing: 8…15 ms
Frequency DC
Opening: 10…20 ms
Closing: 10…20 ms
Switching time 1.) explosion-proof version
Orifices 2…4
Opening: 30 ms
Closing: 40 ms
Electrical data
Power consumption standard
Frequency AC
Inrush: 30 VA
Hold: 15 VA
Hold: 8 W
Frequency DC
Cold: 11 W
Warm: 8 W
Power consumption Impulse (inrush winding)
Frequency AC
Hold: 20 VA
Hold: 11 W
Frequency DC
Cold: 11 W
Warm: 8 W
Power consumption explosion-proof version
Frequency AC/DC
Inrush: 40 W
Hold: 3 W
Voltage
Standard version
24 V/50 Hz, 110 V/50 Hz, 230 V/50 Hz, 120 V/60 Hz, 240 V/60 Hz, 12 V/DC, 24 V/DC
(further voltages on request)
Explosion-proof version
24 V, 230 V (further voltages on request)
Voltage tolerance
± 10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com