Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 23 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 23 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Type 0331
23 | 23
Visit product website 
Locking ring
Description
Article no.
Locking ring to prevent inadvertent manual actuation
013372 
Manifolds for flange valves NPT ¼
Number of valve positions
Length A
Hole spacing B
Article no.
[mm]
[inch]
[mm]
[inch]
Aluminum
anodized
Stainless
steel
Brass
1
32
1.26
–
–
613983 
o. r.
o. r.
2
69
2.72
–
–
006110 
o. r.
o. r.
3
106
4.17
37
1.46
613706 
o. r.
o. r.
4
143
5.63
74
2.91
006111 
o. r.
o. r.
5
180
7.09
111
4.37
613704 
o. r.
o. r.
6
217
8.54
148
5.83
613703 
o. r.
o. r.
7
254
10
185
7.28
o. r.
o. r.
o. r.
8
291
11.46
222
8.74
o. r.
o. r.
–
o. r. = on request
– = not available
Note:
Dimensions in mm [inch]
Multiple manifold
Single manifold
Accessories for manifolds
Description
Material
Seal material
Article no.
Covering plate (for empty valve places)
Stainless steel
FKM
265294 
Covering plate (for empty valve places)
Aluminium anodized
NBR
005625 
Nipple (for connecting the collecting ducts of 2 manifolds)
Steel coated
FKM
005049 
Nipple (for connecting the collecting ducts of 2 manifolds)
Stainless steel
FKM
007376 
Nipple (for connecting the manifolds; connecting duct is
closed)
Steel coated
NBR
006049 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com