Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  0331 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Visit product website 
DATA SHEET
Type 2518
Cable plug,
form A according to
DIN EN 175301 - 803
Type 1087
Timer,
form A according to
DIN EN 175301 - 803
Type 2509
Cable plug,
form A according to
DIN EN 175301 - 803
Standard | US | en | 2024-01-29 | 22
Direct-acting 2/2 or 3/2-way pivoted armature valve
• Direct-acting, media-separated valve up to DN 4
• Pilot valve with Bürkert-specific flange variant (SFB)
• Maintenance-free pivoted armature technology
• Service-friendly, robust manual override
• Explosion-proof variants
The 0331 valve is a direct-acting, media-separated pivoted armature valve. It is
available as a 2/2 and 3/2-way variant. As a 3/2-way variant, it can be used as a
distributor or mixing valve. Various diaphragm materials and circuit functions are
available depending on the actual application. Brass, stainless steel, PEEK and
polypropylene bodies are offered. The solenoid coils are moulded with a chemically
resistant epoxy. Since the coil system is separated from the medium by a dia-
phragm, the valve is especially suitable for critical media such as aggressive acids
and lyes. The 0331 is equipped with manual override for start-up and testing. To
reduce energy demands, all the coils can be delivered with electronic power reduc-
tion or as an impulse variant. The switching status can be indicated via position
feedback as a binary or NAMUR signal.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 0331
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 0331

ManufacturerPart #DatasheetDescription
logo
Lumberg
0331 LUMBERG-0331 Datasheet
130Kb / 2P
Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9, IP 68
0331 LUMBERG-0331 Datasheet
751Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0331 LUMBERG-0331 Datasheet
520Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0331 LUMBERG-0331 Datasheet
533Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0331 LUMBERG-0331 Datasheet
478Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - 0331

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS54 MOTOROLA-SN54LS54 Datasheet
48Kb / 2P
3-2-2-3-INPUT AND-OR-INVERT GATE
logo
ON Semiconductor
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
Triple 2-3-2-Input OR/NOR Gate
REV 5
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
logo
Transcom, Inc.
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
2-4GHz 3-Way Power Divider
logo
Taoglas antenna solutio...
MB200C TAOGLAS-MB200C Datasheet
603Kb / 12P
Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
DS1581 TTELEC-DS1581 Datasheet
325Kb / 1P
2, 3 & 5 Valve Manifolds
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com