Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 22 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 22 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Type 0331
22 | 23
Visit product website 
9.5. Ordering chart accessories
Cable plug Type 2518, form A according to DIN EN 175301 - 803
Note:
• Dimensions in mm
• For further versions see data sheet Type 2518 .
Cable plug
Dimensions
Version
Voltage
Article no.
35.7
3.5
1.5
29.2
Ø 19
Without circuitry (AC/DC)
0…250 V AC/DC
314802 
With LED (AC/DC)
12…24 V AC/DC
314812 
With LED and varistor (AC/DC)
12…24 V AC/DC
314820 
With rectifier, LED and varistor
12…24 V AC/DC
314816 
Cable plug Type 2509, form A according to DIN EN 175301 - 803
Note:
• Dimensions in mm
• Without circuitry (standard)
• The cable plug meets the requirements for UL hazloc Div. 2.
• The cable plug Type 2509 meets the requirements in accordance with UL Listed (UL 429) in assembly with a Bürkert solenoid valve.
• Refer to data sheet Type 2509  for more information about the cable plug.
Cable plug
Dimensions
Version
Voltage
Article no.
18
58.85
28
M3
Without circuitry
0…250 V AC/DC
137943 
Cable glands for ATEX/IECEx terminal box
Note:
• A cable gland in polyamide version is included in the delivery. A nickel-plated brass version can be ordered at surcharge.
• Refer to “8.3. Cable glands for ATEX/IECEx terminal box” on page 18 for more information about Ex cable glands.
• Refer to “8.4. Special tool to turn the terminal box” on page 18 for more information about special wrench.
Description
Article no.
Ex cable gland, nickel-plated brass, 6…13 mm 1.)
773278 
Ex cable gland, polyamide, 7…13 mm 1.)
773277 
Set SC02-AC10: special wrench 2.) incl. service manual
293488 
1.) Cable diameter
2.) Not included in the scope of delivery of the valve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com