Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  0331 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Type 0331
5 | 23
Visit product website 
Medium data
Operating medium
With NBR
Neutral mediums such as compressed air, town gas, water, hydraulic oil, oils and greases without
additives, oxygen
With EPDM
Alkalis, acids to medium concentrations, alkaline washing and bleaching lyes
With FKM
Oxidizing acids and substances, hot oils with additives, salt solutions, waste gases, oxygen
With FFKM
Aggressive mediums, hot air, hot oils
All Materials
Further information can be found in chapter “4.1. Bürkert resistApp” on page 8
Medium temperature
With body material brass,
stainless steel or PEEK
NBR: + 32 °F…+ 176 °F
EPDM: - 22 °F…+ 194 °F
FKM: + 32 °F…+ 194 °F
FFKM: + 41 °F…+ 194 °F
With body material PP
NBR: + 32 °F…+ 176 °F
EPDM: - 22 °F…+ 176 °F
FKM: + 32 °F…+ 176 °F
FFKM: + 41 °F…+ 176 °F
Viscosity
Max. 37 cSt
Process/Port connection & communication
Electrical connection
Standard version
• Plug contacts according to DIN EN 175 301 - 803 form A for cable plug Type 2518 
Further information can be found in chapter “Cable plug Type 2518, form A according to DIN EN
175301 - 803” on page 22.
• Plug contacts according to DIN EN 175 301 - 803 form A for cable plug Type 2509 
(Also available with moulded cable on request.)
Further information can be found in chapter “Cable plug Type 2509, form A according to DIN EN
175301 - 803” on page 22.
Explosion-proof version
Moulded cable
Terminal box without safety fuse
(Information about ACP016 see operating manual.)
Port connection
Flange interface according to Bürkert standard (see also chapter “5. Dimensions” on page 9)
Approvals and conformities
Degree of protection
Standard version
IP65 with cable plug
Explosion-proof version
IP65
Explosion protection
Further information can be found in chapter “3.4. Explosion protection” on page 6.
North America (USA/Canada)
Further information can be found in chapter “3.5. North America (USA/Canada)” on page 7.
Others
Further information can be found in chapter “3.6. Others” on page 7.
Environment and installation
Installation position
As required, preferably with actuator upright
Ambient temperature
Standard version
Max. + 131 °F
Explosion-proof version
Max. + 131 °F
1.) Measurement at + 68 °F, 87 psi at the valve outlet, opening: pressure build-up 0…90 %, closing: pressure reduction 100…10 %
2.
Circuit functions
Symbol
Description
2 (A)
1 (P)
Circuit function A (CF A)
2/2-way solenoid valve
Direct-acting
Normally closed
2 (B)
1 (P)
Circuit function B (CF B)
2/2-way solenoid valve
Direct-acting
Normally open
2(A)
1(P)
3(R)
12
Circuit function C (CF C)
3/2-way solenoid valve
Direct-acting
Normally closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com