Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Type 0331
20 | 23
Visit product website 
9.4. Ordering chart
UL Recognized (UR) and CSA approval
Note:
Products with reduced delivery time
Circuit function
Orifice
Body and seat
material
Seal material
Article no.
024/DC
024/60
120/60
240/60
[mm]
[V/Hz]
[V/Hz]
[V/Hz]
[V/Hz]
With manual override and cable plug Type 2518
CF A
2/2-way solenoid valve
Direct-acting
Normally closed
2 (A)
1 (P)
4.0
Polypropylene
FKM
o. r.
o. r.
o. r.
o. r.
CF C
3/2-way solenoid valve
Direct-acting
Normally closed
2(A)
1(P)
3(R)
12
2.0
Brass
NBR
453585 
o. r.
453511 
o. r.
2.0
Stainless steel
FKM
451745 
o. r.
451748 
451750 
3.0
Brass
NBR
466262 
o. r.
o. r.
o. r.
3.0
Stainless steel
FKM
o. r.
o. r.
460133 
o. r.
CF D
3/2-way solenoid valve
Direct-acting
Normally open
2(B)
1(P)
3(R)
10
2.0
Brass
NBR
453586 
o. r.
o. r.
o. r.
3.0
Brass
NBR
o. r.
o. r.
o. r.
o. r.
CF E
3/2-way mixing valve
(solenoid valve)
2(A)
1(P1)
3(P2)
2.0
Brass
NBR
o. r.
o. r.
o. r.
o. r.
3.0
Brass
NBR
o. r.
o. r.
o. r.
o. r.
3.0
Polypropylene
EPDM
o. r.
o. r.
o. r.
o. r.
CF T
3/2-way solenoid valve
Direct-acting
Flow direction optional
Normally closed
2(A)
1(P)
3(R)
2.0
Brass
FKM
o. r.
o. r.
o. r.
o. r.
3.0
Brass
FKM
o. r.
o. r.
o. r.
o. r.
With manual override and cable plug Type 2518 and manifold (banjo version)
CF C
3/2-way solenoid valve
Direct-acting
Normally closed
2(A)
1(P)
3(R)
12
2.0
Brass
NBR
o. r.
o. r.
o. r.
o. r.
3.0
Brass
NBR
o. r.
o. r.
o. r.
o. r.
3.0
Brass
FKM
o. r.
o. r.
o. r.
o. r.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com