Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Type 0331
18 | 23
Visit product website 
8.2. Accessory explosion-proof version
Option
Variable Code
Description
Oxygen versions
NL02
Suitable for applications with oxygen (non-metal materials that are in contact
with the medium, are tested and approved according to BAM)
Increased purity requirements,
e.g. oil, grease and silicone-free
NL50/
NL05
Wetted parts are specially cleaned and packaged in accordance with the valves
Increased tightness requirements
PCxx
Standard units are tested at 10-2 mbar x l/sec; feasible up to 10-6 mbar
Vacuum version
NA02
Suitable for vacuums up to - 14 psi
Increased purity and hermetic
requirements
NA03
Wetted parts are specially cleaned and leak tested to 10-4 mbar x l/sec
Increased purity and hermetic
requirements and vacuum version
NA01
Wetted parts are specially cleaned and leak tested up to 10-4 mbar x l/sec and
suited for vacuum up to - 14 psi
Electrical feedback
CF15
Coil with intrinsically safe proximity switches (PTB 00 ATEX 2048X) instead of
manual override
Manifold with banjo bolt
LG09
Due to the banjo bolt a direct attachment is possible
(for example, to externally controlled pneumatic drives)
Possible conformities
(depending on the assembly)
–
EAC, drinking water, FDA
8.3. Cable glands for ATEX/IECEx terminal box
Note:
A polyamide cable gland is included in the scope of delivery. A nickel-plated brass version can be ordered for a surcharge, see “Cable
glands for ATEX/IECEx terminal box” on page 22.
Description
Ex approvals
Dimensions
Certification
Identification
Ex cable gland,
Nickel-plated brass, 6…13 mm
PTB 04 ATEX 1112 X,
IECEx PTB 13.0027X
II 2 G Ex e IIC Gb,
II 2 D Ex tb IIIC Db IP68
TL
29…37 mm
L
6 mm
D
20 mm
SW 24 mm
E
27 mm
Ex cable gland,
Polyamide, 7…13 mm
PTB 13 ATEX 1015 X,
IECEx PTB 13.0034X
II 2 G Ex e IIC Gb,
II 2 D Ex tb IIIC Db IP68
TL
36…45 mm
L
10 mm
D
20 mm
SW 24 mm
E
28 mm
8.4. Special tool to turn the terminal box
Note:
This special tool is not included in the scope of delivery of the valve, see “Cable glands for ATEX/IECEx terminal box” on page 22.
Description
Components of the set
Set SC02-AC10
• Special wrench
• Service manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com