Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Type 0331
6 | 23
Visit product website 
Symbol
Description
2(B)
1(P)
3(R)
10
Circuit function D (CF D)
3/2-way solenoid valve
Direct-acting
Normally open
2(A)
1(P1)
3(P2)
Circuit function E (CF E)
3/2-way mixing valve (solenoid valve)
4(A)
2(B)
1(P)
Circuit function F (CF F)
3/2-way distribution valve (solenoid valve)
Direct-acting
2(A)
1(P)
3(R)
Circuit function T (CF T)
3/2-way solenoid valve
Direct-acting
Flow direction optional
Normally closed
3.
Approvals and conformities
3.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available versions can be supplied with the below mentioned approvals or conformities.
3.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
3.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
3.4. Explosion protection
Approval
Description
Optional: Explosion protection according to category 2 (zone 1/21)
Ex marking of the components according to the following table:
Coil Type ACP016
Coils with cable outlet
Coils with terminal box
ATEX:
EPS 16 ATEX 1 111 X
II 2 G Ex mb IIC T4 Gb
II 2 D Ex mb IIIC T130 °C Db
IECEx:
IECEx EPS 16.0049X
Ex mb IIC T4 Gb
Ex mb IIIC T130 °C Db
ATEX:
PTB 15 ATEX 1011 U
II 2G Ex eb mb IIC T4 Gb
II 2D EX mb tb IIIC T130 °C
IECEx:
IECEx PTB 15.0037 U
II eb mb IIC T4 Gb
II mb tb IIIC T130 °C Db



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com