Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Type 0331
16 | 23
Visit product website 
Explosion-proof version
Note:
Refer to “Use in other circuit function” on page 16 for more information about use in other circuit function.
Circuit function
DN
K
V value water
Pressure range 1.)2.) (MAWP 3.))
Standard
Vacuum
[gal/min]
[psi]
[psi]
Brass, stainless steel or PEEK body
A / B / C / D / F
2.0
0.12
0…232
- 14…145
3.0
0.17
0…145
- 14…87
4.0
0.21
0…73
- 14…44
E
2.0
0.12
0…145
- 14…116
3.0
0.17
0…87
- 14…73
4.0
0.21
0…44
- 14…36
T
2.0
0.12
0…145
- 14…116
3.0
0.17
0…116
- 14…73
4.0
0.21
0…58
- 14…44
1.) Devices with FKM and/or FFKM diaphragms are reduced to a maximum pressure of 174 psi.
2.) Pressure data: overpressure to atmospheric pressure
3.) Maximum allowable working pressure
Circuit function
DN
K
V value water
Pressure range 1.)2.) (MAWP 3.))
Standard
Vacuum
[gal/min]
[psi]
[psi]
PP and PVDF body
A / B / C / D / F
2.0
0.12
0…232
- 14…145
3.0
0.17
0…145
- 14…87
4.0
0.21
0…73
- 14…44
E / T
2.0
0.12
0…145
- 14…116
3.0
0.17
0…87
- 14…73
4.0
0.21
0…44
- 14…36
1.) Devices with FKM and/or FFKM diaphragms are reduced to a maximum pressure of 174 psi.
2.) Pressure data: overpressure to atmospheric pressure
3.) Maximum allowable working pressure
Use in other circuit function
The compression springs installed in the valves differ depending on the circuit function. When used in other circuit functions, the permissi-
ble operating pressure changes according to the following table.
Note:
The following table applies to both the standard version and the explosion-proof version.
Circuit function Max. operating pressure [psi] when using the valve in a new circuit function
Orifice DN 2
Orifice DN 3
Orifice DN 4
A 1.)
B 1.)
C
D
E
F
A
B
C
D
E
F
A
B
C
D
E
F
Metal body (8 W respectively 11 W)
C
232
22
232
22
22
232
145
15
145
15
15
145
73
12
73
12
12
73
D
58
232
65
232
58
58
36
145
36
145
29
44
29
73
29
73
29
29
T
116
116
145
145
145
116
87
87
87
87
87
87
44
44
44
44
44
44
Plastic body (8 W respectively 11 W)
C
232
22
232
22
22
232
145
15
145
15
15
145
73
12
73
12
12
73
D
58
232
65
232
58
58
36
145
36
145
29
44
29
73
29
73
29
29
F
232
22
145
22
22
232
87
15
87
15
15
145
58
15
58
15
15
–
1.) For circuit function A and B the valve must be connected according to the pin assignment of 3/2-way valve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com