Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Type 0331
14 | 23
Visit product website 
6.
Device/Process connections
6.1. Pin assignment standard version
Note:
• Dimensions in mm [inch]
• The pin assignment (marked No. 1, 2 and 3 in the drawing) depends on the circuit function. In the table, compare the respective pin
assignment with the corresponding circuit function.
Circuit
function
Connection
1
Connection
2
Connection
3
3-way
A
P
A
–
31 1,22
1
2
3
B
–
B
P
C
P
A
R
D
R
B
P
E
P1
A
P2
F
A
P
B
T
NC
I
N/OUT
NO
6.2. Pin assignment explosion-proof version
Note:
The pin assignment (marked No. 1, 2 and 3 in the drawing) depends on the circuit function. In the table, compare the respective pin
assignment with the corresponding circuit function.
Circuit
function
Connection
1
Connection
2
Connection
3
3-way
A
P
A
–
1
2
3
B
–
B
P
C
P
A
R
D
R
B
P
E
P1
A
P2
F
A
P
B
T
NC
I
N/OUT
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com