Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Type 0331
15 | 23
Visit product website 
7.
Performance specifications
7.1. Pressure range and flow rate
Standard version
Note:
Refer to “Use in other circuit function” on page 16 for more information about use in other circuit function.
Circuit function
DN
C
V value water
1.)
Pressure range 2.)
DC
AC
(50 or 60 Hz)
Standard 3.)
Vacuum 4.)
Impulse 5.)
[gal/min]
[gal/min]
[psi]
[psi]
[psi]
Brass, stainless steel or PEEK body
A / B / C / D / F
2
0.09
0.12
0…232 6.)
- 14…145
0…232 6.)
3
0.14
0.17
0…145
- 14…87
0…145
4
0.17
0.21
0…73
- 14…44
0…73
E
2
0.09
0.12
0…145
- 14…116
0…145
3
0.14
0.17
0…87
- 14…73
0…87
4
0.17
0.21
0…44
- 14…36
0…44
T
2
0.09
0.12
0…174
- 14…116
–
3
0.14
0.17
0…116
- 14…73
–
4
0.17
0.21
0…58
- 14…44
–
Circuit function
DN
K
V value water
7.)
Pressure range 2.)
Standard 3.) AC
[50 or 60 Hz]
Standard 3.) DC
Vacuum 4.)
Impulse 5.)
[gal/min]
[psi]
[psi]
[psi]
[psi]
PP and PVDF body
A / B / C / D / F
2
0.12
0…232 6.)
0…174
- 14…145
0…174
3
0.17
0…145
0…116
- 14…87
0…116
4
0.21
0…73
0…58
- 14…44
0…58
E / T
2
0.12
0…145
0…102
- 14…102
0…102
3
0.17
0…87
0…58
- 14…73
0…58
4
0.21
0…44
0…36
- 14…36
0…29
1.) For frequency 56, the C
V values of the DC version apply
2.) Pressure data: overpressure to atmospheric pressure (deviating pressure range for 5 W version)
3.) Heat output 8 W
4.) Vacuum possible for all seal materials
5.) Starting power 11 W
6.) The maximum medium pressure is 174 psi for seal material FKM and FFKM.
7.) The C
V value at DC frequency is reduced by up to 10 % to guarantee the function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com