Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Type 0331
8 | 23
Visit product website 
4.
Materials
4.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
4.2. Material specifications
2
3
3
3
4
5
1
No. Element
Material
1
Coil
Epoxy
2
Diaphragm
EDPM, FKM, FFKM, NBR
3
O-ring
EDPM, FKM, FFKM, NBR
4
Seat
Brass
Stainless steel (1.4401/316)
PP (Polypropylene)
PEEK
5
Valve body
Brass
Stainless steel (1.4401/316)
PP (Polypropylene)
PEEK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com