Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Type 0331
21 | 23
Visit product website 
Circuit function
Orifice
Body and seat
material
Seal material
Article no.
024/DC
024/60
120/60
240/60
[mm]
[V/Hz]
[V/Hz]
[V/Hz]
[V/Hz]
CF E
3/2-way mixing valve
(solenoid valve)
2(A)
1(P1)
3(P2)
2.0
Brass
NBR
o. r.
o. r.
o. r.
o. r.
o. r. = on request
Coil UL Listed (cULus) for hazardous locations, Class I, Division 2
Note:
Other versions are available on request.
Circuit function
Orifice
Body and seat
material
Seal material
Electrical
connection
Article no.
024 / AC/DC
120/60
240/60
[mm]
[V/Hz]
[V/Hz]
[V/Hz]
With manual override
CF A
2/2-way solenoid valve
Direct-acting
Normally closed
2 (A)
1 (P)
3.0
Stainless steel
FKM
Cable
o. r.
o. r.
o. r.
CF C
3/2-way solenoid valve
Direct-acting
Normally closed
2(A)
1(P)
3(R)
12
2.0
Stainless steel
NBR
Terminal
box
o. r.
o. r.
o. r.
2.0
Stainless steel
FKM
Terminal
box
o. r.
o. r.
o. r.
2.0
Stainless steel
NBR
Cable
o. r.
o. r.
o. r.
3.0
Brass
NBR
Cable
o. r.
o. r.
o. r.
3.0
Stainless steel
FKM
Cable
o. r.
394662 
o. r.
CF D
3/2-way solenoid valve
Direct-acting
Normally open
2(B)
1(P)
3(R)
10
2.0
Brass
NBR
Terminal
box
o. r.
o. r.
o. r.
2.0
Brass
NBR
Cable
o. r.
o. r.
o. r.
2.0
Stainless steel
NBR
Cable
o. r.
o. r.
o. r.
2.0
Stainless steel
NBR
Terminal
box
o. r.
o. r.
o. r.
3.0
Brass
NBR
Cable
o. r.
o. r.
o. r.
CF T
3/2-way solenoid valve
Direct-acting
Flow direction optional
Normally closed
2(A)
1(P)
3(R)
2.0
Stainless steel
FKM
Cable
o. r.
o. r.
20000498 
2.0
Stainless steel
FKM
Terminal
box
20023738 
o. r.
o. r.
2.0
Stainless steel
NBR
Cable
o. r.
o. r.
o. r.
2.0
Stainless steel
EPDM
Terminal
box
o. r.
o. r.
o. r.
2.0
Brass
NBR
Cable
o. r.
393077 
o. r.
2.0
Brass
NBR
Terminal
box
o. r.
o. r.
o. r.
2.0
Brass
FKM
Cable
o. r.
20040892 
o. r.
2.0
Brass
FKM
Terminal
box
o. r.
o. r.
o. r.
o. r. = on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com