Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0331 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 0331
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0331 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 0331 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0331 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Type 0331
12 | 23
Visit product website 
5.2. Explosion-proof version
Terminal box version
Note:
Dimensions in mm [inch]
46 1,81
9 0,35
31 1,22
54,8 2,16
Pivoting radius cover R84
Cable gland
M20x1,5 / NPT 1/2-14
38 1,5
98 3,86
130 5,12
32 1,26
64,6 2,54
74,4 2,9
45°
Body material
H
[mm]
[inch]
Brass/Stainless steel
18
PP/PD
19
9.6. Explosion-proof version
Terminal box version
Note:
Dimensions in mm [inch]
46 1,81
9 0,35
31 1,22
54,8 2,16
Pivoting radius cover R84
Cable gland
M20x1,5 / NPT 1/2-14
38 1,5
98 3,86
130 5,12
32 1,26
64,6 2,54
74,4 2,9
45°
Body material
H
[mm]
[inch]
Brass/Stainless steel
18
PP/PD
19
9.7. Explosion-proof version
Terminal box version
Note:
Dimensions in mm [inch]
46 1,81
9 0,35
31 1,22
54,8 2,16
Pivoting radius cover R84
Cable gland
M20x1,5 / NPT 1/2-14
38 1,5
98 3,86
130 5,12
32 1,26
64,6 2,54
74,4 2,9
45°
Body material
H
[mm]
[inch]
Brass/Stainless steel
18
0.71
PP/PD
19
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com