Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2671
centric type
p. 3/14
Size
Disc angle (open degree)
mm
inch
10°
20°
30°
40°
50°
60°
70°
80°
90°
40
1½"
0.8
2.8
8.0
16.6
25
42
69
94
132
50
2"
1.2
4.4
11.9
25
44
70
117
154
225
65
2½"
2.3
8.7
21
40
71
111
218
280
368
80
3"
2.9
11.4
30
56
97
147
250
395
497
100
4"
4.4
17.0
45
84
139
258
422
709
845
125
5"
7.6
28
72
138
253
460
700
1214
1454
150
6"
11.7
47
111
204
381
634
1021
1474
2175
200
8"
22
74
193
358
670
1164
1833
2702
3655
250
10"
32
118
286
527
978
1710
2636
3809
5565
300
12"
39
150
365
719
1330
2486
3800
5839
8257
350
14"
54
190
456
930
1752
3010
4656
6726
9733
400
16"
72
270
594
1260
2308
3955
6300
9475
13405
450
18"
87
299
726
1413
2708
4592
7407
11084
15926
500
20"
120
404
1005
1979
3610
6257
9960
15337
21935
550
22"
146
489
1215
2394
4368
7571
12051
18557
26541
600
24"
162
577
1349
2795
5225
8846
13975
21162
29503
650
26"
190
677
1583
3280
6131
10381
16401
24836
34626
700
28"
223
771
1958
3772
7008
12471
20407
29476
43080
750
30"
237
819
2079
4001
7434
13229
21648
31270
45702
800
32"
300
1138
2693
5303
9634
16523
26934
36987
53814
900
36"
384
1466
3451
6858
12647
21275
34814
50184
71421
950
38"
538
2024
4703
8400
14238
23166
38013
57704
72715
1000
40"
596
2245
5213
9308
15787
25668
42120
63939
80582
1050
42"
657
2475
5748
10262
17406
28299
46437
70493
88842
1100
44"
721
2716
6308
11263
19103
31058
50965
77366
97505
1200
48"
858
3232
7507
13404
22734
36962
60652
92073
116039
Cv values – valve sizing coefficient
Cv value denotes the flow rate in M3/hr for water at 68°F (20°C) flowing under a pressure differential 1Kg/cm3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com