Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
2671
centric type
p. 13/14
Size
Face
to
face
Mounting
flange
(ISO 5211)
Shaft end
Disc clearance Weight [lb.]
mm
inch
L
H1
H2
D
Type
PCD
∅B
☐B
B1
C
C1
Wafer
Lug
40
1½"
33
60
120
81
F07
70
14
11
19
34
7
4.8
5.2
50
2"
43
65
143
96
F07
70
14
11
19
39
8
7.2
8.1
65
2½"
46
71
155
110
F07
70
14
11
19
55
13
9.0
9.4
80
3"
46
77
162
126
F07
70
14
11
19
69
19
9.4
10.8
100
4"
52
91
181
148
F07
70
14
11
19
91
27
12.5
18.0
125
5"
56
103
197
180
F07
70
18
14
19
115
36
17.4
22.7
150
6"
56
120
210
206
F07
70
18
14
19
140
47
19.6
24.9
200
8"
60
144
240
259
F10
102
22
17
24
186
68
32.1
41.6
250
10"
68
174
288
325
F10
102
25
19
24
239
90
50.2
63.2
300
12"
78
206
311
373
F10
102
28
22
24
288
111
77.6
103.8
Size 1½" to 12"
Size 1½" to 2½"
Size 3"
Size 8" to 12"
∅D
∅D
∅D
Flat end
☐B
machined in
∅B
C1
L
Size 1½" to 12"
Size 1½" to 2½"
Size 3"
Size 4" to 6"
∅D
∅D
∅D
Flat end
☐B
machined in
∅B
C1
L
∅D
Size 8" to 12"
Dimensions for sizes 1½" to 12" [mm]
Wafer type
Lug type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com