Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2671
centric type
p. 2/14
Face to face:
Valve body are designed to meet ISO 5752 table 5 short.
Top works:
24" and below, valve mounting flange and stem shall be per ISO 5211.
28" and above, valve mounting flange per ISO 5211, stem shall be round keyed.
Flange requirement:
Wafer style, lug style
: ANSI 125/150. BS Table E. JIS 10K. DIN PN10. DIN PN16.
All wafers have locating holes for ease of installation.
Flange style
: ANSI 150. JIS10K. DIN PN10. DIN PN16
Pressure rating:
Bi-directional bubble-tight shut off to
230 PSI – 1½" to 24"
150 PSI – 26" to 40"
and tested to 110% of full rating
260 PSI – 1½" to 24"
160 PSI – 26" to 40"
Shell testing:
The body strength can stand 150% of full rating.
340 PSI – 1½" to 24"
220 PSI – 26" to 40"
Installation instructions:
The valve is designed for using between all types of flat or raised face flanges. DO NOT USE
FLANGE GASKETS. The butterfly valve design eliminates the need for gaskets. For proper instal-
lation, the space between flanges must be sufficient to permit valve insertion without disturbing the
rubber liner flange seal. Note that the disc sealing edge is in line with the flat of the shaft. Rotate
the stem to position the disc within the body, place the valve between flanges and hand-tighten the
bolts. SLOWLY OPEN the valve counterclockwise to check for adequate disc clearance. RETURN
THE DISC TO 10% OPEN POSITION and cross tighten all bolts, again check for adequate disc
clearance.
Stem retaining mechanism:
The stem is retained in the body by means of a special “Q” type design when the valve size is under
14", and hence the stem can be removed from the body and disc without any special tools.
*Unless you do intend to disassemble the valve, otherwise do not position the disc around 135°
Anti-Condensed:
(On customer's requirement)
Technical data (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com