Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2671
centric type
p. 11/14
Size
Operator
type
Lever operator
Gear operator
Handwheel
turns On/off
Mounting flange
(ISO 5211)
mm
inch
H3
L
H4
C
E
F
N
Type
PCD
40
1½"
Lever
195
200
F07
70
Gear
157
41
155
150
10
F07
70
50
2"
Lever
218
200
F07
70
Gear
180
41
155
150
10
F07
70
65
2½"
Lever
230
200
F07
70
Gear
192
41
155
150
10
F07
70
80
3"
Lever
237
200
F07
70
Gear
199
41
155
150
10
F07
70
100
4"
Lever
256
200
F07
70
Gear
218
41
155
150
10
F07
70
125
5"
Lever
272
250
F07
70
Gear
234
41
155
150
10
F07
70
150
6"
Lever
285
250
F07
70
Gear
247
41
155
150
10
F07
70
200
8"
Lever
324
355
F10
102
Gear
281
63
195
200
9
F10
102
250
10"
Lever
370
355
F10
102
Gear
350
63
195
200
9
F10
102
300
12"
Lever
393
355
F10
102
Gear
350
63
195
200
9
F10
102
350
14"
Gear
370
61
255
310
9
F12
125
400
16"
Gear
402
61
255
310
9
F12
125
450
18"
Gear
445
81
340
400
13
F14
140
500
20"
Gear
479
81
340
400
13
F14
140
550
22"
Gear
527
81
340
400
13
F14
140
600
24"
Gear
548
123
307
400
17.5
F16
165
650
26"
Gear
571
160
307
400
52
F16
165
700
28"
Gear
619
123
307
400
17.5
F16
165
750
30"
Gear
730
160
370
400
52
F25
254
800
32"
Gear
775
160
370
400
52
F25
254
900
36"
Gear
805
160
370
400
52
F25
254
950
38"
Gear
874
160
370
400
52
F25
254
1000
40"
Gear
945
197
471
600
90
F30
298
1050
42"
Gear
1009
197
471
600
90
F30
298
1100
44"
Gear
1010
197
471
600
90
F30
298
1200
48"
Gear
1066
197
471
600
90
F30
298
E
C
L
Lever and gear operated [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com