Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2671
centric type
www.burkert–usa.com
p. 1/14
Butterfly Valve, rubber seated
The Burkert Centric type butterfly valve has
many configurations available to meet a wide
range of applications. The 2671 Centric type is
automation ready with an ISO 5211 mounting
pad and stem for direct coupling of the
actuator. A full range of actuators, pilot valves,
digital positioners, feedback switches and bus
network options are available for integration in
plant process control systems.
Type 6519 NAMUR
Pilot valve, direct
mount to actuator
Type 2051
Pneumatic rotary
actuator
Type 3003
Electric rotary actuator
Type 2671 can be combined with…
• Pressure rating: bidirectional shut-off
(150 PSI standard, 230 PSI optional)
• ISO 5211 direct actuator mount
• Wafer, lug, and flange mount
• Range of body, disc, and seat options
Type 3004
Electric explosion
proof actuator
Type 3005
Electric rotary actuator
Type 8792
Positioner
Technical data
Valve size
1½"-40" (wafer), 1½"-24" (lug), 14"-48" (flanged)
Body materials
Disc material
Seat material
Stem material
Cast iron, ductile iron, stainless steel, alu-bronze
Ductile iron (Nylon 11 Coated), stainless steel (304 SS, 316 SS)
NBR, EPDM, EPT, neoprene, silicon, CSM, FKM
410 SS, 604 SS, 316 SS
Media
Compatible with the materials of construction, and the
pressure, temperature limits of the seals and disc
Media temperature
-4°F to 400°F based on valve seat limit
Connections
Wafer, lug, flange
Installation
As required
Pressure rating
Bidirectional bubble-tight shut-off to 150 PSI,
230 PSI (optional)


Similar Part No. - 3003

ManufacturerPart #DatasheetDescription
logo
GHz Technology
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
logo
Molex Electronics Ltd.
3003 MOLEX-3003 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
NXP Semiconductors
3003 NXP-3003 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
More results

Similar Description - 3003

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E_11 Datasheet
4Mb / 4P
2U Butterfly Backplanes
PCE-5B06V-00A1E ADVANTECH-PCE-5B06V-00A1E Datasheet
4Mb / 4P
2U Butterfly Backplanes
PCE-5B03V-01A1E ADVANTECH-PCE-5B03V-01A1E Datasheet
4Mb / 4P
1U Butterfly Backplanes
PCA-6106P3V-0B2E ADVANTECH-PCA-6106P3V-0B2E Datasheet
4Mb / 4P
2U Butterfly Backplanes
PCA-6105P4V-0B3E ADVANTECH-PCA-6105P4V-0B3E Datasheet
4Mb / 4P
2U Butterfly Backplanes
logo
General Cable Technolog...
C3602A GENERAL-C3602A Datasheet
72Kb / 1P
2C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3605A GENERAL-C3605A Datasheet
73Kb / 1P
5C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
logo
Advantech Co., Ltd.
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_11 Datasheet
4Mb / 4P
1U Butterfly Backplanes
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
logo
Festo Corporation.
8073655 FESTO-8073655 Datasheet
66Kb / 1P
Actuated butterfly valve
11/18/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com