Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
2671
centric type
p. 14/14
www.burkert-usa.com
To find your nearest Burkert facility, click on the orange box
In case of special application conditions,
please consult for advice.
We reserve the right to make technical changes without notice.
© Christian Bürkert GmbH & Co. KG
1210/2_US-en
Rubber lined butterfly valve specification chart
Size
Type
Style
Body
Seat
Disc
Stem
Operator
Limit Switch
Solenoid
Positioner
4.0"
1
1
1
2
1
1
1
A
0
A
1.5"
1-rubber
lined
1-wafer
1-ductile
iron
1-NBR
(nitrile)
0-ductile
iron
1-410SS
0-bare stem
A-none
0-none
A-none
2.0"
2-lug
2-cast iron
2-EPDM
1-316SS
2-304SS
1-10 position handle
B-SPDT
1-120/1/60
VAC
B-4-20 Ma
2.5"
3-316SS
3-white EPT
2-304SS
3-316SS
2-gear operator
S-please specify
2-24 VDC
3.0"
4-neoprene (CR)
3-alu-bronze
3-pneumatic D/A
4.0"
5-silicon
4-pneumatic S/R F/C
5.0"
6-hypalon (CSM)
5-pneumatic S/R F/O
6.0"
7-viton
6-electric 120 VAC
8.0"
7-electric 24 VDC
10.0"
12.0"
14.0"
16.0"
18.0"
20.0"
24.0"
28.0"
30.0"
32.0"
36.0"
Notes:
Flange Class ANSI 150
D/A = Double Acting
S/R = Spring Return
F/O = Fail Open
F/C = Fail Closed
See electric actuator datasheet for complete options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com