Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2671
centric type
p. 4/14
Size
Lubricating (non-corrosive) ∆P (PSI)
Dry (non-lubricating) ∆P (PSI)
mm
inch
44
87
145
232
44
87
145
40
1½"
15
17
19
23
19
21
23
50
2"
15
17
19
23
19
21
23
65
2½"
18
20
22
26
22
24
27
80
3"
28
31
34
41
34
38
42
100
4"
37
41
45
54
45
50
56
125
5"
61
68
76
91
76
84
93
150
6"
116
127
140
154
126
138
152
200
8"
171
190
211
253
211
234
260
250
10"
275
306
340
408
340
378
420
300
12"
381
423
470
564
470
522
580
350
14"
545
605
672
–
672
747
830
400
16"
728
809
899
–
899
999
1110
450
18"
912
1013
1126
–
1126
1251
1390
500
20"
1135
1261
1401
–
1401
1557
1730
550
22"
1373
1525
1695
–
1695
1884
2093
600
24"
1325
1472
1636
–
1636
1818
2020
650
26"
1555
1727
1920
–
1920
2133
2370
700
28"
2339
2599
2888
–
2888
3209
3566
750
30"
2608
2898
3220
–
3220
3578
3975
800
32"
3008
3342
3713
–
3713
4125
4583
900
36"
3828
4253
4726
–
4726
5251
5834
950
38"
4415
4920
6616
–
5450
6050
7100
1000
40"
5090
5680
7620
–
6280
7010
9410
1050
42"
5611
6262
8401
–
6924
7728
10374
1100
44"
6158
6872
9262
–
7599
8481
11385
1200
48"
7328
8178
11022
–
9043
10093
13548
Expected seating/unseating torque (Nm) including 30% safety factor
To use the torque chart, note the following:
1) Seating/Unseating torque values above included friction bearing torque for stated ∆P.
2) Do not apply a safety factor to above torque values when determining actuator output torque requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com