Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2671
centric type
p. 7/14
Size
Face
to
face
Mounting
flange
(ISO 5211)
Shaft end
Disc clearance
Weight
mm
inch
L
H1
H2
D
Type
PCD
∅B
☐B
B1
Key
C
C1
lb.
40
1½"
33
60
120
81
F07
70
14
11
19
–
34
7
4.4
50
2"
43
65
143
96
F07
70
14
11
19
–
39
8
6.6
65
2½"
46
71
155
110
F07
70
14
11
19
–
55
13
8.3
80
3"
46
77
162
124
F07
70
14
11
19
–
69
19
8.8
100
4"
52
107
181
148
F07
70
14
11
19
–
91
27
11.6
125
5"
56
122
197
180
F07
70
18
14
19
–
115
36
16.0
150
6"
56
150
210
206
F07
70
18
14
19
–
140
47
18.0
200
8"
60
165
240
259
F10
102
22
17
24
–
186
68
29.7
250
10"
68
201
286
320
F10
102
25
19
24
–
239
90
46
300
12"
78
234
309
370
F10
102
28
22
24
–
288
111
71
350
14"
78
301
329
412
F12
125
35
27
29
–
325
128
105
400
16"
102
333
361
475
F12
125
35
27
29
–
375
143
132
450
18"
114
358
393
530
F14
140
48
36
38
–
423
162
176
500
20"
127
392
427
585
F14
140
48
36
38
–
473
182
275
550
22"
154
397
475
635
F14
140
50
36
38
–
507
186
286
600
24"
154
454
492
687
F16
165
60
46
48
–
560
214
440
650
26"
165
460
515
718
F16
165
65
–
90
18x12
606
230
427
700
28"
165
508
563
796
F16
165
70
–
110
20x12
655
255
548
750
30"
190
543
585
856
F25
254
75
–
110
18x12
692
264
696
800
32"
190
592
630
870
F25
254
80
–
110
24x16
736
285
804
900
36"
203
632
660
1003
F25
254
85
–
110
24x16
841
331
934
1000
40"
216
698
749
1090
F30
298
100
–
155
28x16
941
373
648
Size 26" to 40"
Size 1½" to 24"
Size 1½" to 2½"
Size 3"
Size 4" to 6"
Size 8" to 12"
Size 14" to 24"
∅D
∅D
∅D
∅D
∅D
Flat end
☐B
machined in
∅B
∅D
∅B
C1
L
C1
L
Dimensions – wafer type, sizes 1½" to 36" [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com