Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2671
centric type
p. 5/14
Item
Part name
Materials
Specifications
Comments
JIS
ASTM
1
Body
Cast iron
FC 200
A126 CI. B
1½" to 24"
Ductile iron
FCD 400
A395
1½" to 24"
Stainless steel
SCS 13A
A351 Gr. CF8
14" to 24"
SCS 14A
A351 Gr. CF8M
14" to 24"
2
Disc
Ductile iron
FCD 400
A395
Nylon 11 coated
Stainless steel
SCS 13A
A351 Gr. CF8
SCS 14A
A351 Gr. CF8M
Alu-bronze
ALBC2
B148 C95400
3
Seat
NBR (Nitrile)
14°F to 176°F (-10°C to 80°C)
EPDM
-4°F to 248°F (-20°C to 120°C)
EPT
-4°F to 284°F (-20°C to 140°C)
Neoprene (CR)
32°F to 176°F (0°C to 80°C)
Silicon
-4°F to 356°F (-20°C to 180°C)
CSM
-4°F to 275°F (-20°C to 135°C)
FKM
-0.4°F to 400°F (-18°C to 204°C)
4
Stem
Stainless steel
SUS 410
A182 Gr. F6A
SUS 304
A182 Gr. F304
SUS 316
A182 Gr. F316
5
Pin
Stainless steel
SUS 304
A182 Gr. F304
6
Bush
Delrin
7
O-ring
NBR (Nitrile)
8
Thrust ring
Stainless steel
SUS 304
A240 Gr. 304
9
Bush
Bronze
BC6
B62
For cast iron and ductile iron body
10
Bush
RPTFE+Stainless steel
RPTFE+SUS316
RPTFE+A240 Gr. 316
11
Upper cover
Cast iron
FC 200
A126 CI. B
For cast iron and ductile iron body
Stainless steel
SUS 304
A240 304
For stainless steel body
12
Bottom cover
Cast iron
FC 200
A126-B
For cast iron and ductile iron body
Stainless steel
SCS 13A
A351 Gr. CF8
For stainless steel body
13
Bolt
Steel
14
Bolt
Steel
1
4
3
2
10
5
6
7
9
1
4
3
2
4
12
13
10
10
5
8
7
5
7
14
11
Detail “A”
Detail “B”
Detail “C”
Detail “D” for St/St body
Detail “D” for DI. & CI. body
“A”
“B”
“C”
“D”
Size 1½" to 12"
Size 14" to 24"
Materials – sizes 1½" to 24"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com