Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2671
centric type
p. 9/14
Size
Face
to
face
Mounting
flange
(ISO 5211)
Shaft end
Key
Disc
clearance
Thick-
ness of
flange
Weight
mm
inch
L
H1
H2
D
Type
PCD
∅B ☐B B1
C
C1
T
lb.
350
14"
78
303
329
535
F12
125
35
27
29
–
325
128
21
152
400
16"
102
335
361
600
F12
125
35
27
29
–
375
143
22
209
450
18"
114
363
393
648
F14
140
48
36
38
–
423
162
27
284
500
20"
127
397
427
715
F14
140
50
36
38
–
473
182
30
354
550
22"
154
426
475
762
F14
140
50
36
38
–
506
188
31
421
600
24"
154
454
492
840
F16
165
60
46
48
–
560
214
36
546
650
26"
165
460
515
870
F16
165
65
–
90
18x12
606
230
40
648
700
28"
165
508
563
927
F16
165
70
–
110
18x12
655
255
40
725
750
30"
190
543
585
997
F25
254
75
–
110
20x12
692
264
40
950
800
32"
190
592
630
1060
F25
254
80
–
110
24x16
736
285
44
1117
900
36"
203
632
660
1170
F25
254
85
–
110
24x16
841
331
46
1369
950
38"
216
682
729
1238
F25
254
95
–
110
28x16
889
350
50
1653
1000
40"
216
698
749
1289
F30
298
100
–
155
28x16
941
373
50
1785
1050
42"
216
761
813
1340
F30
298
100
–
180
28x16
977
391
50
1893
1100
44"
216
768.1
814
1403
F30
298
110
–
180
32x18
1024
414
50
2052
1200
48"
254
813.6
870
1511
F30
298
110
–
180
32x18
1131
451
56
2559
∅B
∅D
C1
L
Size 14" to 24"
Size 26" to 48"
KEY
Flat end
☐B
machined in
∅B
C1
L
∅D
T
Dimensions – flange type, sizes 14" to 48" [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com