Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2671
centric type
p. 8/14
Size
Face
to face
Mounting
flange
(ISO 5211)
Flat shaft end
Disc clearance
Weight
mm
inch
L
H1
H2
D
Type
PCD
∅B
☐B
B1
C
C1
lb.
40
1½"
33
60
120
81
F07
70
14
11
19
34
7
4.8
50
2"
43
65
143
96
F07
70
14
11
19
39
8
7.4
65
2½"
46
71
155
110
F07
70
14
11
19
55
13
8.8
80
3"
46
77
162
124
F07
70
14
11
19
69
19
9.9
100
4"
52
89
181
148
F07
70
14
11
19
91
27
16.7
125
5"
56
112
197
180
F07
70
18
14
19
115
36
20.9
150
6"
56
123
210
206
F07
70
18
14
19
140
47
22.9
200
8"
60
150
240
259
F10
102
22
17
24
186
68
38.5
250
10"
68
179
286
320
F10
102
25
19
24
239
90
58
300
12"
78
216
309
370
F10
102
28
22
24
288
111
95
350
14"
78
301
329
412
F12
125
35
27
29
325
128
127
400
16"
102
333
361
475
F12
125
35
27
29
375
143
178
450
18"
114
358
393
530
F14
140
48
36
38
423
162
242
500
20"
127
392
427
585
F14
140
48
36
38
473
182
341
600
24"
154
454
492
687
F16
165
60
46
48
560
214
701
Size 1½" to 12"
Size 1½" to 2½"
Size 3"
Size 4" to 6"
Size 8" to 12"
∅D
∅D
∅D
∅D
Flat end
☐B
machined in
∅B
C1
L
Size 14" to 24"
Flat end
☐B
machined in
∅B
∅D
C1
L
Dimensions – lug type, sizes 1½" to 24" [mm]
Size 1½" to 12"
Size 1½" to 2½"
Size 3"
Size 4" to 6"
Size 8" to 12"
∅D
∅D
∅D
∅D
Flat end
☐B
machined in
∅B
C1
L
Size 14" to 24"
Flat end
☐B
machined in
∅B
∅D
C1
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com