Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Butterfly Valve, rubber seated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
2671
centric type
p. 12/14
Item
Part name
Materials
Specifications
Comments
JIS
ASTM
1
Body
Stainless steel
SCS 13A
A351 Gr. CF8
SCS 14A
A351 Gr. CF8M
2
Disc
Stainless steel
SCS 13A
A351 Gr. CF8
SCS 14A
A351 Gr. CF8M
3
Seat
NBR (Nitrile)
14°F to 176°F (-10°C to 80°C)
EPDM
-4°F to 248°F (-20°C to 120°C)
EPT
-4°F to 284°F (-20°C to 140°C)
Neoprene (CR)
32°F to 176°F (0°C to 80°C)
Silicon
-4°F to 356°F (-20°C to 180°C)
CSM
-4°F to 275°F (-20°C to 135°C)
FKM
-0.4°F to 400°F (-18°C to 204°C)
4
Stem
Stainless steel
SUS 410
A182 Gr. F6A
SUS 304
A182 Gr. F304
SUS 316
A182 Gr. F316
5
Pin
Stainless steel
SUS 304
A182 Gr. F304
6
Bush
Delrin
7
O-ring
NBR (Nitrile)
8
Bush
RPTFE+Stainless steel
RPTFE+SUS316
RPTFE+A240 Gr. 316
9
Stem retainer
Stainless steel
SUS 304
A240 Gr. F304
10
Pin (anti-
static)
Stainless steel
SUS 304
A182 Gr. F304
11
Spring
Stainless steel
SUS 304
A182 Gr. F304
12
Screw
Stainless steel
SUS 304
A193 Gr. B8
Materials
Burkert offers a new line of butterfly valves
with stainless steel investment cast bodies
(1)
and discs (2) from size 1½" up to 12" in
both wafer and lug styles. This line of valves
has the same design features of 2671
wafer/lug style valve, plus the advantage of
parts like RTFE+SS316 bushings (8), stem
retainer (9), stainless steel lever operator set,
and gear box, etc.; to reach a high integrity
corrosion resistance exterior for use in
aggressive environments.
Antistatic device (10.11) has to be equipped
with this valve, since the valve disc and
stem was isolated by rubber liner and stem
bushings. It will collect the static, which
resulted by the friction between the fluids
and disc. In order to prevent the dangers
caused by static, the antistatic device is
required.
4
3
10
11
7
5
9
6
12
1
8
8
10 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com